Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210040 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RAA210040 Datasheet HTML 1Page - Renesas Technology Corp RAA210040 Datasheet HTML 2Page - Renesas Technology Corp RAA210040 Datasheet HTML 3Page - Renesas Technology Corp RAA210040 Datasheet HTML 4Page - Renesas Technology Corp RAA210040 Datasheet HTML 5Page - Renesas Technology Corp RAA210040 Datasheet HTML 6Page - Renesas Technology Corp RAA210040 Datasheet HTML 7Page - Renesas Technology Corp RAA210040 Datasheet HTML 8Page - Renesas Technology Corp RAA210040 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 4
Apr 13, 2021
RAA210040 Datasheet
1.2
Block Diagram
Figure 4. Block Diagram
EAMP
Soft-
Start
Bandgap
Shutdown
VREF
EN
OV
UV
0.8V
FB
0.85 x VREF
1ms
Delay
PG
0.5V
COMP
COMP
Slope
COMP
Oscillator
PWM Logic Controller
Protection
HS Driver
FS
SYNC
Shutdown
LS
Driver
CSA
OCP
SKIP
Negative Current
Sensing
Shutdown
ISET
Threshold
VIN
PGND
L
VOUT
SCP
Zero-Crossing
Sensing
SGND
7
2
9
3
6
8
10
5
1
4
100

6k

0.47µH
100k

55pF
3pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com