Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210040 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RAA210040 Datasheet HTML 5Page - Renesas Technology Corp RAA210040 Datasheet HTML 6Page - Renesas Technology Corp RAA210040 Datasheet HTML 7Page - Renesas Technology Corp RAA210040 Datasheet HTML 8Page - Renesas Technology Corp RAA210040 Datasheet HTML 9Page - Renesas Technology Corp RAA210040 Datasheet HTML 10Page - Renesas Technology Corp RAA210040 Datasheet HTML 11Page - Renesas Technology Corp RAA210040 Datasheet HTML 12Page - Renesas Technology Corp RAA210040 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 9
Apr 13, 2021
RAA210040 Datasheet
Power-Good
Output Low Voltage
IPG =1mA
0.3
V
PG Delay Time (Rising Edge)
tPGR
Time from VOUT reached
regulation
0.5
1
2
ms
PG Delay Time (Falling Edge)
tPGF
6.5
us
PG Leakage Current
IPGLKG
PG = 3.6V
10
100
nA
OVP PG Rising Threshold
VPGR_OVP
0.8
V
UVP PG Rising Threshold
VPGR_UVP
80
86
90
%
UVP PG Hysteresis
5.4
%
Reference Section
Internal Reference Voltage
VREF
0.593
0.60
0
0.606
V
FB Bias Current
IFBLKG
FB = 0.75V
0.1
uA
Compensation
Error Amplifier Transconductance
Internal Compensation
126
uA/V
External Compensation
132
uA/V
Current Sense Gain
0.145
0.2
0.25
Ω
PWM Regulator
Maximum Duty Cycle
dMAX
100
%
Minimum On-Time
tON_MIN
SYNC=high
100
ns
Oscillator
Switching Frequency
fSW
fSW=2MHz
1.7
2
2.35
MHz
Switching Frequency
RFS= 402kΩ
0.475
0.5
0.525
MHz
Switching Frequency
RFS= 42.2kΩ
3.94
4
4.125
MHz
Synchronization
SYNC Synchronization Range
fSYNC
0.5
4
MHz
SYNC Logic Low-to-High Transition
Range
0.67
0.76
0.84
V
SYNC Hysteresis
0.17
V
SYNC Logic Input Leakage Current
VIN = 3.6V
4
5
uA
Over-Temperature
Over-Temperature Shutdown
TOT-TH
150
°C
Over-Temperature Hysteresis
TOT-HYS
25
°C
1. Compliance to datasheet limit is assured by one or more methods: production test, characterization and/or design.
2. Compliance to limits is assured by characterization and design.
Unless otherwise noted, all parameter limits are established across the recommended operating conditions and the specification limits
are measured at the following conditions: TA=-40°C to +125°C, VIN = 3.6V, VOUT = 1.2V, unless otherwise noted. Typical specifications
are measured at TA=+25°C. Boldface limits apply across the internal junction temperature range, -40°C to +125°C. (Cont.)
Parameter
Symbol
Test Conditions
Min[1]
Typ
Max[1]
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com