Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210040 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RAA210040 Datasheet HTML 9Page - Renesas Technology Corp RAA210040 Datasheet HTML 10Page - Renesas Technology Corp RAA210040 Datasheet HTML 11Page - Renesas Technology Corp RAA210040 Datasheet HTML 12Page - Renesas Technology Corp RAA210040 Datasheet HTML 13Page - Renesas Technology Corp RAA210040 Datasheet HTML 14Page - Renesas Technology Corp RAA210040 Datasheet HTML 15Page - Renesas Technology Corp RAA210040 Datasheet HTML 16Page - Renesas Technology Corp RAA210040 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 13
Apr 13, 2021
RAA210040 Datasheet
4.5
Derating
Figure 23. Start-Up Waveforms; VIN = 5V, VOUT = 1V,
IOUT =4A
Figure 24. Start-Up Waveforms; VIN = 5V, VOUT = 1.2V,
IOUT =4A
Figure 25. Start-Up Waveforms; VIN = 5V, VOUT = 1.8V,
IOUT =4A
Figure 26. Start-Up Waveforms; VIN = 5V, VOUT = 3.3V,
IOUT =4A
PWM operation. All of the following curves were plotted at TJ = +120°C. For the test conditions, see Table 1.
Figure 27. VIN = 3.3V, VOUT = 0.8V, fSW = 900kHz
Figure 28. VIN = 3.3V, VOUT = 0.9V, fSW =1MHz
Operating condition: TA = +25°C, no air flow. Typical values are used unless otherwise noted. (Cont.)
IOUT 2A/Div
EN 1.5V/Div
VOUT 500mV/Div
PG 2V/Div
500µs/Div
IOUT 2A/Div
EN 1.5V/Div
VOUT 500mV/Div
PG 2V/Div
500µs/Div
IOUT 2A/Div
EN 1.5V/Div
VOUT 1V/Div
PG 5V/Div
500µs/Div
IOUT 2A/Div
EN 1.5V/Div
VOUT 1.5V/Div
PG 2V/Div
500µs/Div
0
1
2
3
4
5
25
35
45
55
65
75
85
95
105
115
Ambient Temperature (°C)
0 LFM
200 LFM
400 LFM
0
1
2
3
4
5
25
35
45
55
65
75
85
95
105
115
Ambient Temperature (°C)
0 LFM
200 LFM
400 LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com