Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210040 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RAA210040 Datasheet HTML 3Page - Renesas Technology Corp RAA210040 Datasheet HTML 4Page - Renesas Technology Corp RAA210040 Datasheet HTML 5Page - Renesas Technology Corp RAA210040 Datasheet HTML 6Page - Renesas Technology Corp RAA210040 Datasheet HTML 7Page - Renesas Technology Corp RAA210040 Datasheet HTML 8Page - Renesas Technology Corp RAA210040 Datasheet HTML 9Page - Renesas Technology Corp RAA210040 Datasheet HTML 10Page - Renesas Technology Corp RAA210040 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 7
Apr 13, 2021
RAA210040 Datasheet
3.
Specifications
3.1
Absolute Maximum Ratings
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
3.2
Thermal Information
3.3
Recommended Operating Conditions
3.4
Electrical Specifications
.5
Parameter
Minimum
Maximum
Unit
VIN to PGND
-0.3
+5.8 (DC) or +7V
(20ms)
V
EN, FS, PG, FB, SYNC, COMP to SGND
-0.3
VIN + 0.3
V
VOUT to PGND
-0.3
VIN + 0.3
V
ESD Rating
Value
Unit
Human Body Model (Tested per JS-001-2014)
2.0
kV
Charged Device Model (Tested per JS-002-2014)
750
V
Latch-Up (Tested per JESD78E; Class II, Level A, +125°C)
100
mA
Thermal Resistance (Typical)
JA (°C/W)[1]
1.
JA is measured in free air with the module mounted on a 4-layer thermal test board 3x4.5 inch in size with significant coverage of 2oz
Cu on both top and bottom layers, and 1oz Cu on internal layers, with numerous vias.
JC (°C/W)[2]
2. For
JC, the case temperature location is the center of the exposed metal pad on the package underside.
10 Ld Dual Flat No-Lead Package
33.84
16.4
Parameter
Minimum
Maximum
Unit
Storage Temperature Range
-65
+150
°C
Pb-Free Reflow Profile
See TB493
Parameter
Minimum
Maximum
Unit
VIN to GND
2.7
5.5
V
Output Voltage, VOUT
0.6
5
V
Output Current, IOUT
04
A
Junction Temperature Range, TJ
-40
+125
°C
Unless otherwise noted, all parameter limits are established across the recommended operating conditions and the specification limits
are measured at the following conditions: TA=-40°C to +125°C, VIN = 3.6V, VOUT = 1.2V, unless otherwise noted. Typical specifications
are measured at TA=+25°C. Boldface limits apply across the internal junction temperature range, -40°C to +125°C.
Parameter
Symbol
Test Conditions
Min[1]
Typ
Max[1]
Unit
Module Input Supply
Input Voltage Range
VIN
2.7
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com