Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7540TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7540TR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST7540TR Datasheet HTML 3Page - STMicroelectronics ST7540TR Datasheet HTML 4Page - STMicroelectronics ST7540TR Datasheet HTML 5Page - STMicroelectronics ST7540TR Datasheet HTML 6Page - STMicroelectronics ST7540TR Datasheet HTML 7Page - STMicroelectronics ST7540TR Datasheet HTML 8Page - STMicroelectronics ST7540TR Datasheet HTML 9Page - STMicroelectronics ST7540TR Datasheet HTML 10Page - STMicroelectronics ST7540TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ST7540
Electrical data
7/44
3
Electrical data
3.1
Maximum ratings
3.2
Thermal data
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Power supply voltage
-0.3 to + 14
V
VDD
Digital supply voltage
-0.3 to +5.5
V
SVSS/GND
Voltage between SVSS and GND
-0.3 to +0.3
V
VI
Digital input voltage
GND - 0.3 to VDD +0.3
V
VO
Digital output voltage
GND - 0.3 to VDD +0.3
V
IO
Digital output current
-2 to +2
mA
Vsense,
X2,PA_IN-
,PA_IN+, CL
Voltage range at Vsense, X2, PA_IN-, PA_IN+, CL
Inputs
SVSS - 0.3 to 5.6
V
RX_IN
Voltage range at RX_IN input
-5.6 to 5.6
V
TX_OUT, X1
Voltage range at TX_OUT, X1 outputs
SVSS - 0.3 to 5.6
V
PA_OUT
Voltage range at powered PA_OUT Output
VSS - 0.3 to +VCC +0.3
V
I(PA_OUT)
Power line driver output current (1)
1.
This current is intended as not repetitive pulse current
650
mArms
TA
Operating ambient temperature
-40 to +85
°C
TSTG
Storage temperature
-50 to 150
°C
RxD,
PA_OUT Pin
Maximum withstanding voltage range
Test condition: CDF-AEC-Q100-002- “Human
Body Model”
Acceptance criteria: “Normal Performance”
±1750
V
Other pins
±2000
V
Table 3. Thermal data
Symbol
Parameter
HTSSOP28
Exposed Pad
Unit
RthJA1
Maximum thermal resistance junction-ambient steady
state (1)
1.
Mounted on Multilayer PCB with a dissipating surface on the bottom side of the PCB
35
° C/W
RthJA2
Maximum thermal resistance junction-ambient Steady
State (2)
2.
It is the same condition of the point above, without any heatsinking surface on the board.
70
° C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com