Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7540TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST7540TR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST7540TR Datasheet HTML 31Page - STMicroelectronics ST7540TR Datasheet HTML 32Page - STMicroelectronics ST7540TR Datasheet HTML 33Page - STMicroelectronics ST7540TR Datasheet HTML 34Page - STMicroelectronics ST7540TR Datasheet HTML 35Page - STMicroelectronics ST7540TR Datasheet HTML 36Page - STMicroelectronics ST7540TR Datasheet HTML 37Page - STMicroelectronics ST7540TR Datasheet HTML 38Page - STMicroelectronics ST7540TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
ST7540
Functional description
35/44
Function
Value
Selection
Note
Default
Bit 20
Active only if Extended
Control Register is enable (Bit
21=”1”)
20
Header
Length
8 bits
16 bits
0
1
16 bits
Bit 21
Extended Register enables
Functions on Bit 17, 18,19 and
20
21
Extended
Register
Disable (24 bits)
Enabled (48 bits)
0
1
Disabled
(24 bits)
Bit 22
22
Sensitivity
Mode
Normal Sensitivity
High Sensitivity
0
1
Normal
Bit 23
23
Input Filter
Disabled
Enabled
0
1
Disabled
24 to 39
Frame
Header
from 0000h to
FFFFh
One 16 bits Header or two 8
bits Headers (MSB first)
depending on Bit 20
9B58h
40 to 47 Frame Length
from 01h to FFh
Number of 16 bits words
expected
08h
Table 12. Control register functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com