Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7540TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST7540TR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST7540TR Datasheet HTML 18Page - STMicroelectronics ST7540TR Datasheet HTML 19Page - STMicroelectronics ST7540TR Datasheet HTML 20Page - STMicroelectronics ST7540TR Datasheet HTML 21Page - STMicroelectronics ST7540TR Datasheet HTML 22Page - STMicroelectronics ST7540TR Datasheet HTML 23Page - STMicroelectronics ST7540TR Datasheet HTML 24Page - STMicroelectronics ST7540TR Datasheet HTML 25Page - STMicroelectronics ST7540TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Functional description
ST7540
22/44
6.5.2
Control register access
The communication with ST7540 Control Register is always synchronous. The access is
achieved using the same lines of the Mains interface (RxD, TxD, RxTx and CLR/T) plus
REG_DATA Line.
With REG_DATA = 1 and RxTx = 0, the data present on TxD are loaded into the Control
Register MSB first. The ST7540 samples the TxD line on CLR/T rising edges. The control
Register content is updated at the end of the register access section (REG_DATA falling
edge).
In Normal Control Register mode (Control Register bit 21 = ”0”, see Table 12) if more than
24 bits are transferred to ST7540 only latest 24 bits are stored inside the Control Register. If
less than 24 bits are transferred to ST7540 the Control Register writing is aborted.
In order to avoid undesired Control Register writings caused by REG_DATA line fluctuations
(for example because of surge or burst on mains), in Extended Control Register mode
(Control Register bit 21 = ”1” see Table 12) exactly 24 or 48 bits must be transferred to
ST7540 in order to properly write the Control Register, otherwise writing is aborted. If 24 bits
are transferred, only the first 24 Control Register bits (from 23 to 0) are written.
With REG_DATA = 1 and RxTx = 1, the content of the Control Register is sent on RxD port.
The Data on RxD are stable on CLR/T rising edges MSB First. In Normal Control Register
mode 24 bits are transferred from ST7540 to the Host. In Extended Control Register mode
24 or 48 bits are transferred from ST7540 to the Host depending on content of Control
Register bit 18 (with bit 18 = ”0” the first 24 bits are transferred, otherwise all 48 bits are
transferred, see Table 12).
Figure 9.
Data reception ➨ control register read ➨ data reception timing diagram
Figure 10. data reception ➨ control register write ➨ data reception timing diagram
TCC
TDS
TDH
TCR
TCR
TB
TDS
TDH
TCC
CLR_T
RxD
REG_DATA
RxTx
D03IN1404
BIT23
BIT22
TCC
TCR
TCR
TCR
TCR
TB
TDH
TDS
TCC
CLR_T
RxD
RxTx
TxD
REG_DATA
D03IN1403
BIT23
BIT22
TSTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com