Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7540TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7540TR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7540TR Datasheet HTML 7Page - STMicroelectronics ST7540TR Datasheet HTML 8Page - STMicroelectronics ST7540TR Datasheet HTML 9Page - STMicroelectronics ST7540TR Datasheet HTML 10Page - STMicroelectronics ST7540TR Datasheet HTML 11Page - STMicroelectronics ST7540TR Datasheet HTML 12Page - STMicroelectronics ST7540TR Datasheet HTML 13Page - STMicroelectronics ST7540TR Datasheet HTML 14Page - STMicroelectronics ST7540TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
ST7540
Electrical characteristics
11/44
VSENSE
VSENSE Input
impedance
36
k
Ω
CLTH
Current control loop
reference threshold on
CL pin
Figure 17
1.80
1.90
2.00
V
CLHYST
Hysteresis on current
loop reference
threshold
Figure 17
210
250
290
mV
TRxTx
Carrier activation time
Figure 21 - 600
Baud Xtal = 16MHz
1.6
ms
Figure 21- 1200 Baud
Xtal = 16MHz
800
µs
Figure 21- 2400 Baud
Xtal = 16MHz
400
µs
Figure 21- 4800 Baud
Xtal = 16MHz
200
µs
TALC
Carrier stabilization
time
from STEP 16 to zero
or from step 16 to step
31,
Figure 21
Xtal = 16MHz
3.2
ms
TST
Tstep
Figure 21
Xtal = 16MHz
200
µs
Power amplifier
PAIN(Offset)
Input terminals
OFFSET
±18
mV
GBWP
Gain bandwidth
product
100
MHz
RIN
Input resistance at
PA_IN+ and PA_IN-
pins
PA_IN+ vs. Vss (1)
1
M
Ω
PA_IN- vs. Vss (1)
1
M
Ω
CIN
Input capacitance at
PA_IN+ and PA_IN-
pins
PA_IN+ vs. Vss (1)
5pF
PA_IN- vs. Vss (1)
5pF
CMRR
Common mode
rejection ratio
40
dB
Table 5. Electrical characteristics (continued)
( VDD = +5V, VCC =+9 V, VSS = SVSS = GND = 0V,-40°C ≤TA ≤85°C, TJ < 125°C,
unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com