Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7540TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST7540TR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST7540TR Datasheet HTML 24Page - STMicroelectronics ST7540TR Datasheet HTML 25Page - STMicroelectronics ST7540TR Datasheet HTML 26Page - STMicroelectronics ST7540TR Datasheet HTML 27Page - STMicroelectronics ST7540TR Datasheet HTML 28Page - STMicroelectronics ST7540TR Datasheet HTML 29Page - STMicroelectronics ST7540TR Datasheet HTML 30Page - STMicroelectronics ST7540TR Datasheet HTML 31Page - STMicroelectronics ST7540TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Functional description
ST7540
28/44
The Current control loop acts to limit the maximum Peak Output current inside
PA_OUT.
The current control loop acts through the voltage control loop decreasing the Output
Peak-to-Peak Amplitude to reduce the Current inside the Power Line Interface.
The current sensing is done by mirroring the current in the High side MOS of the Power
Amplifier (not dissipating current Sensing). The Output Current Limit (up to 500mrms),
is set by means of an external resistor (RCL) connected between CL and VSS. The
resistor converts the current sensed into a voltage signal. The Peak current sensing
block works as the Output Voltage sensing Block:
–If V(CL) < CLTH - CLHYSTVoltage Control Loop Acting
–If CLTH - CLHYST < V(CL) < CLTH + CLHYSTNo Gain Change
–If V(CL) > CLTH + CLHYSTThe next gain level is decreased by 1 step
Figure 17 shows the typical connection of Current anVoltage control loops.
Figure 17. Voltage and current feedback external interconnection example
Voltage Control Loop Formula
R1
ALC
VOLTAGE
LOOP
CURRENT
LOOP
Vsense
CL
PA_OUT/TX_OUT
VoutPK
VsenseHYST
VsenseTH
1.865V (Typ)
VCLHYST
VCLTH
AVss
10nF
R2
RCL
Vout
80pF typ.
D03IN1421
V
OUTPK
R
1
R
2
+
R
2
--------------------
Vsense
TH
Vsense
HYST
±
()
⋅
≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com