Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7540TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST7540TR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST7540TR Datasheet HTML 5Page - STMicroelectronics ST7540TR Datasheet HTML 6Page - STMicroelectronics ST7540TR Datasheet HTML 7Page - STMicroelectronics ST7540TR Datasheet HTML 8Page - STMicroelectronics ST7540TR Datasheet HTML 9Page - STMicroelectronics ST7540TR Datasheet HTML 10Page - STMicroelectronics ST7540TR Datasheet HTML 11Page - STMicroelectronics ST7540TR Datasheet HTML 12Page - STMicroelectronics ST7540TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
ST7540
Electrical characteristics
9/44
4
Electrical characteristics
Table 5. Electrical characteristics
( VDD = +5V, VCC =+9 V, VSS = SVSS = GND = 0V,-40°C ≤TA ≤85°C, TJ < 125°C,
unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
Digital supply voltages
5V Digital supply
provided externally
4.75
5
5.25
V
VCC
Power supply voltage
7.5
13.5
V
I(VDD)
Digital input supply
current
Transmission &
receiving mode
(MCLK = 4MHz),no load
3.5
mA
Transmission &
Receiving mode
(MCLK = OFF), no load
1.5
mA
I(VCC)
Power supply current
current with digital
supply provided
externally
TX mode, no load
60
mArms
RX mode
5
mArms
UVLO
Under voltage lock out
Threshold on VCC
3.7
3.9
4.1
V
UVLOHYS
UVLO Hysteresis on
VCC
340
mV
Digital I/O
Rdown
Internal pull down
resistor
-30%
100
+30%
k
Ω
Rup
Internal pull up resistor
-30%
100
+30%
k
Ω
Digital I/O - 5V digital supply
VIH
High logic level input
voltage
2
V
VIL
Low logic level input
voltage
1.2
V
VOH
High logic level output
voltage
IOH= -2mA
VDD -
0.45
V
VOL
Low logic level output
voltage
IOL= 2mA
GND
+ 0.3
V
Digital I/O - 3.3V digital supply
VIH
High logic level input
voltage
1.4
V
VIL
Low logic level input
voltage
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com