Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7540TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST7540TR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST7540TR Datasheet HTML 15Page - STMicroelectronics ST7540TR Datasheet HTML 16Page - STMicroelectronics ST7540TR Datasheet HTML 17Page - STMicroelectronics ST7540TR Datasheet HTML 18Page - STMicroelectronics ST7540TR Datasheet HTML 19Page - STMicroelectronics ST7540TR Datasheet HTML 20Page - STMicroelectronics ST7540TR Datasheet HTML 21Page - STMicroelectronics ST7540TR Datasheet HTML 22Page - STMicroelectronics ST7540TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
ST7540
Functional description
19/44
6.5
Host processor interface
ST7540 exchanges data with the host processor through a serial interface.
The data transfer is managed by REG_DATA and RxTx Lines, while data are exchanged
using RxD, TxD and CLR/T lines.
Four are the ST7540 working modes:
●
Data Reception
●
Data Transmission
●
Control Register Read
●
Control Register Write
REG_DATA and RxTx lines are level sensitive inputs.
ST7540 features two type of Host Communication Interfaces:
●
SPI
●
UART
The selection can be done through the UART/SPI pin. If UART/SPI pin is forced to “0” SPI
interface is selected while if UART/SPI pin is forced to “1” UART interface is selected. The
type of interface affects the Data Reception by setting the idle state of RxD line. When
ST7540 is in Receiving mode (REG_DATA=”0” and RxTx =“1”) and no data are available on
mains (or RxD is forced to an idle state, i.e. with a conditioned Detection Method), the RxD
line is forced to “0” when UART/SPI pin is forced to ”0” or it is forced to “1” when UART/SPI
pin is forced to ”1”.
The UART interface allows to connect an UART compatible device while SPI interface
allows to connect an SPI compatible device. The allowed combinations of Host
Interface/ST7540 Mains Access are:
Table 9. Data and Control register access bits configuration
REG_DATA
RxTx
Data Transmission
0
0
Data Reception
0
1
Control Register Read
1
1
Control Register Write
1
0
Table 10. Host interface / ST7540 mains access combinations
Host device
interface type
UART/SPI pin
Communication
mode
Mains access
Asynchronous
Synchronous
UART
“1”
Transmission
X
UART
“1”
Reception
X
SPI
“0”
Transmission
X
SPI
“0”
Reception
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com