Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7540TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7540TR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7540TR Datasheet HTML 9Page - STMicroelectronics ST7540TR Datasheet HTML 10Page - STMicroelectronics ST7540TR Datasheet HTML 11Page - STMicroelectronics ST7540TR Datasheet HTML 12Page - STMicroelectronics ST7540TR Datasheet HTML 13Page - STMicroelectronics ST7540TR Datasheet HTML 14Page - STMicroelectronics ST7540TR Datasheet HTML 15Page - STMicroelectronics ST7540TR Datasheet HTML 16Page - STMicroelectronics ST7540TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
ST7540
Electrical characteristics
13/44
5V Voltage regulator
VDC
Linear regulator output
voltage
0 < Io < 50mA
7.5V < VCC < 13.5V
-5%
5.05
+5%
V
3.3V Voltage regulator
VDD
Linear regulator output
voltage
0 < Io < 50mA
7.5V < VCC < 13.5V
-5%
3.3
+5%
V
Other functions
TRSTO
Reset time
See Figure 23;
Xtal = 16MHz
50
ms
TWD
Watch-dog pulse width See Figure 23
125
ns
TWM
Watch-dog pulse
period
Minimum value.
See Figure 23
250
ns
Maximum value.
See Figure 23
1490
ms
TWO
Watch-dog time out
See Figure 23
1.5
s
TOUT
TX time out
Control register bit 7
and bit 8
1
3
s
TOFF
Time Out OFF time
Figure 22
125
ms
TOFFD
RxTx 0->1 vs. time out
delay
Figure 22
20
µs
TCD
Carrier detection time
selectable by register
Control register
bit 9 and bit10
Figure 14
500
1
3
5
µs
ms
ms
ms
TDCD
CD_PD Propagation
delay
Figure 14
300
500
µs
MCLK
Master clock output
selectable by register
Control register
bit 15 and bit 16
See Table 12
fclock
fclock/2
fclock/4
off
MHz
BAUD
Baud rate
Control register
bit 3 and bit 4
See Table 12
600
1200
2400
4800
Baud
Table 5. Electrical characteristics (continued)
( VDD = +5V, VCC =+9 V, VSS = SVSS = GND = 0V,-40°C ≤TA ≤85°C, TJ < 125°C,
unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com