Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DF Datasheet(PDF) 5 Page - STMicroelectronics

Part # M95M02-DF
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DF Datasheet(HTML) 5 Page - STMicroelectronics

  M95M02-DF Datasheet HTML 1Page - STMicroelectronics M95M02-DF Datasheet HTML 2Page - STMicroelectronics M95M02-DF Datasheet HTML 3Page - STMicroelectronics M95M02-DF Datasheet HTML 4Page - STMicroelectronics M95M02-DF Datasheet HTML 5Page - STMicroelectronics M95M02-DF Datasheet HTML 6Page - STMicroelectronics M95M02-DF Datasheet HTML 7Page - STMicroelectronics M95M02-DF Datasheet HTML 8Page - STMicroelectronics M95M02-DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
3
Signal description
During all operations, VCC must be held stable and within the specified valid range: VCC(min) to VCC(max).
All of the input and output signals must be held high or low (according to voltages of VIH, VOH, VIL or VOL, as
specified in Section 9 DC and AC parameters). These signals are described next.
3.1
Serial data output (Q)
This output signal is used to transfer data serially out of the device. Data is shifted out on the falling edge of serial
clock (C).
3.2
Serial data input (D)
This input signal is used to transfer data serially into the device. It receives instructions, addresses, and the data
to be written. Values are latched on the rising edge of serial clock (C).
3.3
Serial clock (C)
This input signal provides the timing of the serial interface. Instructions, addresses, or data present at serial data
input (D) are latched on the rising edge of serial clock (C). Data on serial data output (Q) change from the falling
edge of serial clock (C).
3.4
Chip select (S)
When this input signal is high, the device is deselected and serial data output (Q) is at high impedance. The
device is in the standby power mode, unless an internal write cycle is in progress. Driving chip select (S) low
selects the device, placing it in the active power mode.
After power-up, a falling edge on chip select (S) is required prior to the start of any instruction.
3.5
Hold (HOLD)
The hold (HOLD) signal is used to pause any serial communications with the device without deselecting the
device.
During the hold condition, the serial data output (Q) is high impedance, and serial data input (D) and serial clock
(C) are "Don’t care".
To start the hold condition, the device must be selected, with chip select (S) driven low.
3.6
Write protect (W)
The main purpose of this input signal is to freeze the size of the area of memory that is protected against Write
instructions (as specified by the values in the BP1 and BP0 bits of the Status register).
This pin must be driven either high or low, and must be stable during all Write instructions.
3.7
VCC supply voltage
VCC is the supply voltage.
3.8
VSS ground
VSS is the reference for all signals, including the VCC supply voltage.
M95M02-DR M95M02-DF
Signal description
DS7024 - Rev 13
page 5/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com