Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DF Datasheet(PDF) 36 Page - STMicroelectronics

Part # M95M02-DF
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DF Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M95M02-DF Datasheet HTML 32Page - STMicroelectronics M95M02-DF Datasheet HTML 33Page - STMicroelectronics M95M02-DF Datasheet HTML 34Page - STMicroelectronics M95M02-DF Datasheet HTML 35Page - STMicroelectronics M95M02-DF Datasheet HTML 36Page - STMicroelectronics M95M02-DF Datasheet HTML 37Page - STMicroelectronics M95M02-DF Datasheet HTML 38Page - STMicroelectronics M95M02-DF Datasheet HTML 39Page - STMicroelectronics M95M02-DF Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
10.3
WLCSP8 with BSC package information
This WLCSP is a 8-ball, 3.556 x 2.011 mm, with BSC, wafer level chip scale package.
Figure 28. WLCSP8 with BSC - Outline
SIDE VIEW
Bump
Seating plane
Detail A
(Rotated 90°)
Ø b(x8)
A1
TOP VIEW
Orientation
reference
Detail A
A
A2
E
D
(4x)
BOTTOM VIEW
F
e2
G
e e1
X Y
Z
Z
Z
X Y
ccc
ddd
Z
eee
aaa
bbb Z
H
F
H
J
Orientation
reference
A3
1.
Drawing is not to scale.
2.
Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3.
Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4.
Bump position designation per JESD 95-1, SPP-010.
M95M02-DR M95M02-DF
WLCSP8 with BSC package information
DS7024 - Rev 13
page 36/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com