Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DF Datasheet(PDF) 22 Page - STMicroelectronics

Part # M95M02-DF
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DF Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M95M02-DF Datasheet HTML 18Page - STMicroelectronics M95M02-DF Datasheet HTML 19Page - STMicroelectronics M95M02-DF Datasheet HTML 20Page - STMicroelectronics M95M02-DF Datasheet HTML 21Page - STMicroelectronics M95M02-DF Datasheet HTML 22Page - STMicroelectronics M95M02-DF Datasheet HTML 23Page - STMicroelectronics M95M02-DF Datasheet HTML 24Page - STMicroelectronics M95M02-DF Datasheet HTML 25Page - STMicroelectronics M95M02-DF Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
6.7
Read identification page
The identification page (256 bytes) is an additional page that can be written and (later) permanently locked in
read-only mode.
This page is read with the read identification page instruction (see Table 4. Instruction set). The chip select signal
(S) is first driven low, the bits of the instruction byte and address bytes are then shifted in, on serial data input (D).
Address bit A10 must be 0, upper address bits are "don't care", and the data byte pointed to by the lower address
bits [A7:A0] is shifted out on serial data output (Q). If chip select (S) continues to be low, the internal address
register is automatically incremented, and the byte of data at the new address is shifted out.
The number of bytes to read in the ID page must not exceed the page boundary, otherwise unexpected data is
read (for example, when reading the ID page from location 90d, the number of bytes should be lower than or
equal to 166d, as the ID page boundary is 256 bytes).
The read cycle is terminated by driving chip select (S) high. The rising edge of the chip select (S) signal can occur
at any time during the cycle. The first byte addressed can be any byte within any page.
The instruction is not accepted, and is not executed, if a write cycle is currently in progress.
Figure 16. Read identification page sequence
MS30907V2
C
D
Q
23
2
1
3 4 5 6 7 8 9 10
28 29 30 31 32 33 34 35
22 21
3
2
1
0
36 37 38
7
6
5
4
3
1
7
0
High impedance
Data Out 1
Instruction
24-bit address
0
MSB
MSB
2
39
Data Out 2
S
M95M02-DR M95M02-DF
Read identification page
DS7024 - Rev 13
page 22/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com