Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DF Datasheet(PDF) 29 Page - STMicroelectronics

Part # M95M02-DF
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DF Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M95M02-DF Datasheet HTML 25Page - STMicroelectronics M95M02-DF Datasheet HTML 26Page - STMicroelectronics M95M02-DF Datasheet HTML 27Page - STMicroelectronics M95M02-DF Datasheet HTML 28Page - STMicroelectronics M95M02-DF Datasheet HTML 29Page - STMicroelectronics M95M02-DF Datasheet HTML 30Page - STMicroelectronics M95M02-DF Datasheet HTML 31Page - STMicroelectronics M95M02-DF Datasheet HTML 32Page - STMicroelectronics M95M02-DF Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Table 12. Memory cell data retention
Parameter
Test conditions
Min.
Unit
Data retention(1)
TA = 55 °C
200
Year
1. The data retention behaviour is checked in production, while the 200-year limit is defined from characterization and
qualification results.
Table 13. Capacitance
Symbol
Parameter
Test conditions(1)
Min.
Max.
Unit
COUT
Output capacitance (Q)
VOUT = 0 V
-
8
pF
CIN
Input capacitance (D)
VIN = 0 V
-
8
pF
Input capacitance (other pins)
VIN = 0 V
-
6
pF
1. Evaluated by characterization – not tested in production.
Table 14. DC characteristics
Symbol
Parameter
Test conditions
Min
Max
Unit
ILI
Input leakage current
VIN = VSS or VCC
-
±2
µA
ILO
Output leakage current
S= VCC, VOUT = VSS or VCC
-
±2
ICC
Supply current (Read)
C = 0.1 VCC / 0.9 VCC at 5 MHz,
1.8 V(1) ≤ VCC ≤ 5.5 V, Q = open
-
3
mA
ICC0(2)
Supply current (Write)
During tW, S = VCC,
-
3
mA
ICC1
Supply current
(Standby power mode)
S= VCC, VIN= VSS or VCC, VCC = 1.8 V(1)
-
3
µA
S= VCC, VIN = VSS or VCC, 1.8 V(1) ≤ VCC < 2.5 V
-
5
S= VCC, VIN = VSS or VCC, 2.5 V ≤ VCC ≤ 5.5 V
-
5
VIL
Input low voltage
1.8 V(1) ≤ VCC < 2.5 V
-0.45
0.25 VCC
V
2.5 V ≤ VCC ≤ 5.5 V
-0.45
0.30 VCC
VIH
Input high voltage
1.8 V(1) ≤ VCC < 2.5 V
0.75 VCC
VCC + 1
2.5 V ≤ VCC ≤ 5.5 V
0.70 VCC
VCC + 1
VOL
Output low voltage
IOL = 0.15 mA, VCC = 1.8 V(1)
-
0.3
VCC = 2.5 V, IOL = 1.5 mA, or
VCC = 5.0 V, IOL = 2.0 mA
-
0.4
VOH
Output high voltage
IOH = -0.1 mA, VCC = 1.8 V(1)
0.80 VCC
-
VCC = 2.5 V, IOH = -0.4 mA, or
VCC = 5 V, IOH = -2.0 mA
1. VCC = 1.7 V for M95M02-DF.
2. Evaluated by characterization - not tested in production.
M95M02-DR M95M02-DF
DC and AC parameters
DS7024 - Rev 13
page 29/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com