Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DF Datasheet(PDF) 27 Page - STMicroelectronics

Part # M95M02-DF
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DF Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M95M02-DF Datasheet HTML 23Page - STMicroelectronics M95M02-DF Datasheet HTML 24Page - STMicroelectronics M95M02-DF Datasheet HTML 25Page - STMicroelectronics M95M02-DF Datasheet HTML 26Page - STMicroelectronics M95M02-DF Datasheet HTML 27Page - STMicroelectronics M95M02-DF Datasheet HTML 28Page - STMicroelectronics M95M02-DF Datasheet HTML 29Page - STMicroelectronics M95M02-DF Datasheet HTML 30Page - STMicroelectronics M95M02-DF Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
8
Maximum ratings
Stressing the device outside the ratings listed in Table 7 may cause permanent damage to the device. These
are stress ratings only, and operation of the device at these, or any other conditions outside those indicated in
the operating sections of this specification, is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 7. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TAMB
Ambient operating temperature
-40
130
°C
TSTG
Storage temperature
-65
150
TLEAD
Lead temperature during soldering
See note (1)
VO
Output voltage
-0.50
VCC + 0.6
V
VI
Input voltage
-0.50
6.5
VCC
Supply voltage
-0.50
6.5
IOL
DC output current (Q = 0)
-
5
mA
IOH
DC output current (Q = 1)
-
5
VESD
Electrostatic discharge voltage (human body model)(2)
-
3000
V
1. Compliant with JEDEC standard J-STD-020 (for small-body, Sn-Pb or Pb free assembly), the ST ECOPACK 7191395
specification, and the European directive on Restrictions on Hazardous Substances (RoHS directive 2011/65/EU of July
2011).
2. Positive and negative pulses applied on different combinations of pin connections, according to ANSI/ESDA/JEDEC JS-001
(C1=100 pF, R1=1500 Ω, and R2=500 Ω).
M95M02-DR M95M02-DF
Maximum ratings
DS7024 - Rev 13
page 27/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com