Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DF Datasheet(PDF) 14 Page - STMicroelectronics

Part # M95M02-DF
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DF Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M95M02-DF Datasheet HTML 10Page - STMicroelectronics M95M02-DF Datasheet HTML 11Page - STMicroelectronics M95M02-DF Datasheet HTML 12Page - STMicroelectronics M95M02-DF Datasheet HTML 13Page - STMicroelectronics M95M02-DF Datasheet HTML 14Page - STMicroelectronics M95M02-DF Datasheet HTML 15Page - STMicroelectronics M95M02-DF Datasheet HTML 16Page - STMicroelectronics M95M02-DF Datasheet HTML 17Page - STMicroelectronics M95M02-DF Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
6.3
Read status register (RDSR)
The read status register (RDSR) instruction is used to read the status register. The status register may be read at
any time, even while a write or write status register cycle is in progress. When one of these cycles is in progress,
it is recommended to check the write in progress (WIP) bit before sending a new instruction to the device. It is
also possible to read the Status register continuously, as shown in Figure 10.
Figure 10. Read Status register (RDSR) sequence
C
D
S
2
1
3 4 5 6 7 8 9 10 11 12 13 14 15
Instruction
0
MS47548V1
Q
Status Register Out
High impedance
MSB
MSB
7
7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0
Status Register Out
The status and control bits of the status register are detailed in the following subsections.
6.3.1
WIP bit
The write in progress (WIP) bit indicates whether the memory is busy with a write or write status register cycle.
When set to 1, such a cycle is in progress, when reset to 0, no such cycle is in progress.
6.3.2
WEL bit
The WEL bit (write enable latch) bit is a flag that indicates the status of the internal write enable latch.
When WEL is set to 1, the internal write latch is set; when WEL is set to 0, the internal write enable latch is reset,
and no write or write status register instruction is accepted.
The WEL bit is returned to its reset state by the following events:
•
Power-up
•
Write disable (WRDI) instruction completion
•
Write status register (WRSR) instruction completion
•
Write (WRITE) instruction completion
6.3.3
BP1, BP0 bits
The block protect (BP1, BP0) bits are nonvolatile. They define the size of the area to be software-protected
against write instructions. These bits are written with the write status register (WRSR) instruction. When one
or both of the block protect (BP1, BP0) bits is set to 1, the relevant memory area (as defined in Table 3. Write-
protected block size) becomes protected against write (WRITE) instructions. The block protect (BP1, BP0) bits
can be written provided that the hardware protected mode has not been set.
M95M02-DR M95M02-DF
Read status register (RDSR)
DS7024 - Rev 13
page 14/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com