Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DF Datasheet(PDF) 28 Page - STMicroelectronics

Part # M95M02-DF
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DF Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M95M02-DF Datasheet HTML 24Page - STMicroelectronics M95M02-DF Datasheet HTML 25Page - STMicroelectronics M95M02-DF Datasheet HTML 26Page - STMicroelectronics M95M02-DF Datasheet HTML 27Page - STMicroelectronics M95M02-DF Datasheet HTML 28Page - STMicroelectronics M95M02-DF Datasheet HTML 29Page - STMicroelectronics M95M02-DF Datasheet HTML 30Page - STMicroelectronics M95M02-DF Datasheet HTML 31Page - STMicroelectronics M95M02-DF Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
9
DC and AC parameters
This section summarizes the operating conditions and the DC/AC characteristics.
Table 8. Operating conditions (M95M02-DR, device grade 6)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.8
5.5
V
TA
Ambient operating temperature
-40
85
°C
Table 9. Operating conditions (M95M02-DF, device grade 5)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.7
5.5
V
TA
Ambient operating temperature
-20
85
°C
Table 10. AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
-
30
pF
-
Input rise and fall times
-
25
ns
-
Input pulse voltages
0.2 VCC to 0.8 VCC
V
-
Input and output timing reference voltages
0.3 VCC to 0.7 VCC
V
Figure 20. AC measurement I/O waveform
0.8 ₓ VCC
0.2 ₓ VCC
0.7 ₓ VCC
0.3 ₓ VCC
Input and Output
Timing Reference Levels
Input Levels
Table 11. Cycling performance by groups of four bytes
Symbol
Parameter
Test condition
Min.
Max.
Unit
Ncycle
Write cycle
endurance(1)
TA ≤ 25 °C, VCC(min) < VCC < VCC(max)
-
4,000,000
Write cycle (2)
TA = 85 °C, VCC(min) < VCC < VCC(max)
-
1,200,000
1. The write cycle endurance is defined for groups of four data bytes located at addresses [4*N, 4*N+1, 4*N+2, 4*N+3], where
N is an integer. The write cycle endurance is defined by characterization and qualification.
2. A write cycle is executed when either a page write, a byte write, a WRSR, a WRID or an LID instruction is decoded. When
using the byte write, the page write or the WRID instruction, refer also to Section 6.6.1 Cycling with error correction code
(ECC x4).
M95M02-DR M95M02-DF
DC and AC parameters
DS7024 - Rev 13
page 28/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com