Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F Datasheet(PDF) 186 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 186 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 182Page - Microchip Technology DSPIC30F Datasheet HTML 183Page - Microchip Technology DSPIC30F Datasheet HTML 184Page - Microchip Technology DSPIC30F Datasheet HTML 185Page - Microchip Technology DSPIC30F Datasheet HTML 186Page - Microchip Technology DSPIC30F Datasheet HTML 187Page - Microchip Technology DSPIC30F Datasheet HTML 188Page - Microchip Technology DSPIC30F Datasheet HTML 189Page - Microchip Technology DSPIC30F Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 248 page
background image
dsPIC30F
DS70083G-page 184
Preliminary
 2004 Microchip Technology Inc.
23.1
DC Characteristics
TABLE 23-1:
OPERATING MIPS VS. VOLTAGE
V
DD Range
Temp Range
Max MIPS
dsPIC30FXXX-30I
dsPIC30FXXX-20I
dsPIC30FXXX-20E
4.5-5.5V
-40°C to 85°C
30
20
—
4.5-5.5V
-40°C to 125°C
—
—
20
3.0-3.6V
-40°C to 85°C
15
10
—
3.0-3.6V
-40°C to 125°C
—
—
10
2.5-3.0V
-40°C to 85°C
10
7.5
—
TABLE 23-2:
DC TEMPERATURE AND VOLTAGE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40
°C ≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Operating Voltage(2)
DC10
V
DD
Supply Voltage
2.5
—
5.5
V
Industrial temperature
DC11
V
DD
Supply Voltage
3.0
—
5.5
V
Extended temperature
DC12
V
DR
RAM Data Retention Voltage(3)
—1.5
—
V
DC16
V
POR
V
DD Start Voltage
to ensure internal
Power-on Reset signal
—V
SS
—V
DC17
S
VDD
V
DD Rise Rate
to ensure internal
Power-on Reset signal
0.05
V/ms 0-5V in 0.1 sec
0-3V in 60 ms
Note 1:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
These parameters are characterized but not tested in manufacturing.
3:
This is the limit to which V
DD can be lowered without losing RAM data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com