Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F Datasheet(PDF) 187 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 187 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 183Page - Microchip Technology DSPIC30F Datasheet HTML 184Page - Microchip Technology DSPIC30F Datasheet HTML 185Page - Microchip Technology DSPIC30F Datasheet HTML 186Page - Microchip Technology DSPIC30F Datasheet HTML 187Page - Microchip Technology DSPIC30F Datasheet HTML 188Page - Microchip Technology DSPIC30F Datasheet HTML 189Page - Microchip Technology DSPIC30F Datasheet HTML 190Page - Microchip Technology DSPIC30F Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 248 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS70083G-page 185
dsPIC30F
TABLE 23-3:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40
°C ≤ TA ≤ +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (I
DD)(2)
DC20
—
—
mA
-40°C
3.3V
1 MIPS EC mode
DC20a
4
—
mA
25°C
DC20b
—
—
mA
85°C
DC20c
—
—
mA
125°C
DC20d
—
—
mA
-40°C
5V
DC20e
7
—
mA
25°C
DC20f
—
—
mA
85°C
DC20g
—
—
mA
125°C
DC23
—
—
mA
-40°C
3.3V
4 MIPS EC mode, 4X PLL
DC23a
13
—
mA
25°C
DC23b
—
—
mA
85°C
DC23c
—
—
mA
125°C
DC23d
—
—
mA
-40°C
5V
DC23e
22
—
mA
25°C
DC23f
—
—
mA
85°C
DC23g
—
—
mA
125°C
DC24
—
—
mA
-40°C
3.3V
10 MIPS EC mode, 4X PLL
DC24a
29
—
mA
25°C
DC24b
—
—
mA
85°C
DC24c
—
—
mA
125°C
DC24d
—
—
mA
-40°C
5V
DC24e
50
—
mA
25°C
DC24f
—
—
mA
85°C
DC24g
—
—
mA
125°C
DC25
—
—
mA
-40°C
3.3V
8 MIPS EC mode, 8X PLL
DC25a
23
—
mA
25°C
DC25b
—
—
mA
85°C
DC25c
—
—
mA
125°C
DC25d
—
—
mA
-40°C
5V
DC25e
41
—
mA
25°C
DC25f
—
—
mA
85°C
DC25g
—
—
mA
125°C
Note 1:
Data in “Typical” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature also have
an impact on the current consumption. The test conditions for all I
DD measurements are as follows: OSC1
driven with external square wave from rail to rail. All I/O pins are configured as Inputs and pulled to V
DD.
MCLR = V
DD, WDT, FSCM, LVD and BOR are disabled. CPU, SRAM, Program Memory and Data
Memory are operational. No peripheral modules are operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com