Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8112ACCZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL8112ACCZ-R7
Description  10 MHz to 26.5 GHz Amplifier with Bypass Switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8112ACCZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL8112ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Data Sheet
ADL8112
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 26 of 27
RECOMMENDED POWER MANAGEMENT
CIRCUIT
Figure 84 shows a recommended power management circuit that
uses the MAX1697 inverting charge pump, the MAX17651 linear
regulator, and the LT3042 linear regulator. The LT3042 linear regu-
lator is used to step down the 12 V input voltage to a low noise 8.5
V output to VDD1 for the ADL8112.
The output voltage for the LT3042 is set by the R4 resistor connect-
ed to the SET pin, according to the following equation:
R4 = (OUT/100 μA)
(1)
The PGFB resistors are chosen to trigger the power-good (PG)
signal when the output is under 95% of the target voltage of 8.5 V.
The OUT pin of the LT3042 has a 1% initial tolerance and another
1% variation over temperature. The PGFB tolerance is roughly 3%
over temperature, and adding resistors results in a bit more (5%).
Therefore, putting 5% between the OUT pin and the PGFB works
well. In addition, the PG open collector is pulled up to the 8.5 V
output to produce a convenient 0 V to 8.5 V voltage range.
The MAX17651 linear regulator is used to provide a 3.3 V input
voltage to the MAX1697 inverting charge pump and a 3.3 V output
voltage to the VSS2 for the ADL8112. The switching frequency for
the MAX1697 is set to 250 kHz by the 1 μF capacitor, which sets
the minimum output resistance to 12 Ω. The MAX1697 data sheet
provides capacitor selector tables that can be used to select other
switching frequencies ranging from 12 kHz to 250 kHz.
The output voltage for the MAX17651 is set by the R1 and R2
resistors connected to the OUT and FB pins, according to the
following equation:
R1 = R2 × (((IN/OUT) − 1))
Figure 84. Power Management Circuit Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com