Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8112ACCZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8112ACCZ-R7
Description  10 MHz to 26.5 GHz Amplifier with Bypass Switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8112ACCZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8112ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Data Sheet
ADL8112
10 MHz to 26.5 GHz Amplifier with Bypass Switches
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Wideband amplifier with multiple bypass modes
►
Broad operation from 10 MHz to 26.5 GHz
►
Integrated power supply decoupling
►
Four pin-selectable operating modes
►
Internal amplifier mode
►
Internal bypass mode
►
Two external bypass modes
►
Reflective bypass switches
►
Amplifier gain: 13.5 dB typical from 8 GHz to 14 GHz
►
Amplifier OP1dB: 11 dBm typical from 8 GHz to 14 GHz
►
Amplifier OIP3: 22.5 dBm typical from 8 GHz to 14 GHz
►
Amplifier noise figure: 4 dB typical from 8 GHz to 14 GHz
►
Bypass mode insertion loss: 3.4 dB typical from 8 GHz to 14
GHz
►
Operating temperature range: −40°C to +85°C
►
RoHS compliant, 6 mm × 6 mm, 28-terminal LGA
APPLICATIONS
►
Electronic test and measurement equipment
►
Electronic warfare
►
Wireless receivers
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADL8112 is a low noise amplifier (LNA) with bypass switches
that provides broadband operation from 10 MHz to 26.5 GHz. The
ADL8112 provides a low noise figure of 4 dB and an output third-or-
der intercept point (OIP3) of 22.5 dBm. The ADL8112 provides a
gain of 13.5 dB that is stable over frequency, temperature, power
supply, and from device to device.
The integration of an amplifier and two single-pole, four-throw
(SP4T) reflective switches allow multiple paths through the device.
The addition of switches also offers a high third order input intercept
(IIP3) path when large input signals are present. With the integra-
tion of power supply decoupling capacitors, minimal external power
supply decoupling is required.
The ADL8112 is fully specified for operation across a temperature
range of −40°C to +85°C. The ADL8112 is offered in a 6 mm x 6
mm, 28-terminal land grid array (LGA) package.


Similar Part No. - ADL8112ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8111 AD-ADL8111 Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
ADL8111 AD-ADL8111 Datasheet
2Mb / 24P
10 MHz to 8 GHz Bypass Amplifier
Rev. A
ADL8111-EVALZ AD-ADL8111-EVALZ Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
ADL8111-EVALZ AD-ADL8111-EVALZ Datasheet
2Mb / 24P
10 MHz to 8 GHz Bypass Amplifier
Rev. A
ADL8111ACCZN AD-ADL8111ACCZN Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
More results

Similar Description - ADL8112ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMWP26001 FAIRCHILD-RMWP26001 Datasheet
385Kb / 8P
24-26.5 GHz Power Amplifier MMIC
logo
Agilent(Hewlett-Packard...
AMMC-5023 HP-AMMC-5023 Datasheet
215Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
Pasternack Enterprises,...
PE8224 PASTERNACK-PE8224 Datasheet
208Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE1608 PASTERNACK-PE1608 Datasheet
311Kb / 3P
0.1 MHz To 26.5 GHz 3.5mm Bias Tee
PE8223 PASTERNACK-PE8223 Datasheet
234Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
logo
Skyworks Solutions Inc.
SKY65450-92LF SKYWORKS-SKY65450-92LF Datasheet
464Kb / 8P
40 MHz to 1 GHz Broadband 75 (ohm) CATV Low-Noise Amplifier with Bypass Mode
logo
Keysight Technologies
N2002A KEYSIGHT-N2002A Datasheet
295Kb / 5P
N2002A Noise Source Test Set 10 MHz to 26.5 GHz
logo
Marki Microwave
INV-0026 MARKIMICROWAVE-INV-0026 Datasheet
345Kb / 3P
BROADBAND PULSE INVERTER (1 MHz to 26.5 GHz)
logo
Analog Devices
HMC8414 AD-HMC8414 Datasheet
3Mb / 34P
Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com