Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8112ACCZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL8112ACCZ-R7
Description  10 MHz to 26.5 GHz Amplifier with Bypass Switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8112ACCZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL8112ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Data Sheet
ADL8112
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 19 of 27
EXTERNAL BYPASS A MODE
Figure 56. Insertion Loss and Return Loss vs. Frequency, 100 MHz to 28 GHz,
Mode = External Bypass A
Figure 57. RFIN Return Loss vs. Frequency Over Temperature, 100 MHz to 28
GHz, Mode = External Bypass A
Figure 58. IN_A Return Loss vs. Frequency Over Temperature, 100 MHz to 28
GHz, Mode = External Bypass A
Figure 59. RFIN to OUT_A Insertion Loss vs. Frequency Over Temperature,
100 MHz to 28 GHz, Mode = External Bypass A
Figure 60. RFOUT Return Loss vs. Frequency Over Temperature, 100 MHz to
28 GHz, Mode = External Bypass A
Figure 61. OUT_A Return Loss vs. Frequency Over Temperature, 100 MHz to
28 GHz, Mode = External Bypass A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com