Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8112ACCZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL8112ACCZ-R7
Description  10 MHz to 26.5 GHz Amplifier with Bypass Switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8112ACCZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL8112ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Data Sheet
ADL8112
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 8 of 27
Table 8. Absolute Maximum Ratings
Parameter
Rating
VDD1
11.5 V
VDD2
−0.3 V to +3.6 V
VSS2
−3.6 V to +0.3 V
Control Voltage (VA, VB) Range
±0.3 V to VDD2
RF Input Power (RFIN) (Derate at Lower Frequencies,
According to Figure 2)
Internal Amplifier Mode
23 dBm
Internal/External Bypass Mode
27.5 dBm
Hot Switch Power Level
22 dBm
Internal Amplifier Mode
External/Internal Switch Mode
27.5 dBm
Continuous Power Dissipation (PDISS) (TA = 85°C,
Derate 6.8 mW/°C Above 85°C)
0.61 W
Temperature
Channel
175°C
Storage Range
−40°C to +125°C
Operating Range
−40°C to +85°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to the printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction to case thermal resistance.
Table 9. Thermal Resistance
Package Type
θJC
Unit
CC-28-4
92
°C/W
RF INPUT POWER DERATING CURVE
Figure 2. RF Input Power Derating Curve
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADL8112
Table 10. ADL8112, 28-Terminal LGA
ESD Model
Withstand Threshold (V)
Class
HBM
±250
1A
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com