Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8112ACCZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL8112ACCZ-R7
Description  10 MHz to 26.5 GHz Amplifier with Bypass Switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8112ACCZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL8112ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Data Sheet
ADL8112
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 24 of 27
The basic connections for operating the ADL8112 are shown in Fig-
ure 83. No additional external power supply decoupling capacitors
are required. An 8.5 V DC bias is supplied to the amplifier via the
VDD1 pin. The bias current of the amplifier is set by a resistor
connected between the RBIAS pin and VDD1. Table 13 depicts the
IDQ vs. various RBIAS values for the VDD1 voltage of 8.5 V. Do not
leave the RBIAS pin open.
Table 13. Recommended Bias Resistor Values at VDD1 = 8.5 V
RBIAS (Ω)
IDQ (mA)
IDQ_AMP (mA)
IRBIAS (mA)
168
100
77
23
332
90
80
10
554
80
72
8
908
70
64
6
1455
60
56
4
Power for the two SP4T switches comes from the +3.3 V and −3.3
V applied to the VDD2 and VSS2 pins, respectively.
VA and VB are digital inputs that set the operating modes shown in
Table 12. The high logic state is between 1.2 V and 3.3 V and the
low logic state is 0.8 V to 0 V.
Figure 82 shows the time domain response at RFOUT to the
switching voltages on VA and VB when RFIN is driven by a steady
level of approximately 2.5 dBm at 250 MHz.
Both of the external bypass connection paths (External Bypass
A and External Bypass B) are left open. When VA and VB are
low, the ADL8112 is in internal amplifier mode. With VA and VB
high, the device switches to internal bypass mode, and the output
drops correspondingly. When VA and VB are low or high, the
device switches to either External Bypass A or External Bypass
B. Because these two paths are left open in this case, no signal
appears at the output for both cases.
Figure 82. Time Domain Response of RFOUT to Switching of VA and VB
Voltages with a Continuous 2.5 dBm RF Input
Figure 83. Basic Connections and Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com