Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8112ACCZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL8112ACCZ-R7
Description  10 MHz to 26.5 GHz Amplifier with Bypass Switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8112ACCZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL8112ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Data Sheet
ADL8112
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 27
Table 3. 0.01 GHz to 8 GHz Frequency Range Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
0.1 dB
50% VA or VB to 0.1 dB of final RF output
50
ns
0.05 dB
50% VA or VB to 0.05 dB of final RF output
60
ns
Switching Characteristics
Rise (tRISE) and Fall Time (tFALL)
10% to 90% of RF output
4
ns
On (tON) and Off Time (tOFF)
50% control voltage (VA or VB) to 90% of RF
output
16
ns
EXTERNAL BYPASS A AND EXTERNAL BYPASS
B MODES
Insertion Loss
1.4
dB
Input Return Loss On Mode
21
dB
Input Return Loss Off Mode
2
dB
Output Return Loss On Mode
22
dB
Output Return Loss Off Mode
2
dB
IP1dB
28
dBm
IP0.1dB
27.5
dBm
IIP3
50
dBm
Switching Characteristics
Rise (tRISE) and Fall Time (tFALL)
10% to 90% of RF output
3
ns
On (tON) and Off Time (tOFF)
50% VA or VB to 90% of RF output
16
ns
RF Settling Time
0.1 dB
50% VA or VB to 0.1 dB of final RF output
50
ns
0.05 dB
50% VA or VB to 0.05 dB of final RF output
60
ns
8 GHZ TO 14 GHZ FREQUENCY RANGE
VDD1 = +8.5 V, IDQ = 90 mA, VSS2 = −3.3 V, VDD2 = +3.3 V, and TA = 25°C, unless otherwise noted.
Table 4. 8 GHz to 14 GHz Frequency Range Specifications
Parameter
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
8
14
GHz
INTERNAL AMPLIFIER MODE
Small Signal Gain
11.5
13.5
dB
Gain Flatness
±0.5
dB
Input Return Loss
17
dB
Output Return Loss
16
dB
OP1dB
7.5
11
dBm
OIP3
22.5
dBm
Noise Figure
4
dB
INTERNAL BYPASS SWITCH MODE
Insertion Loss
3.4
dB
Input Return Loss
17
dB
Output Return Loss
18
dB
IIP3
50
dBm
IP0.1dB
27.5
dBm
IP1dB
28
dBm
EXTERNAL BYPASS A AND EXTERNAL BYPASS B
MODES
Insertion Loss
2.0
dB
Input Return Loss On Mode
21
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com