Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8112ACCZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL8112ACCZ-R7
Description  10 MHz to 26.5 GHz Amplifier with Bypass Switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8112ACCZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL8112ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Data Sheet
ADL8112
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 27
Table 4. 8 GHz to 14 GHz Frequency Range Specifications (Continued)
Parameter
Min
Typ
Max
Unit
Input Return Loss Off Mode
3
dB
Output Return Loss On Mode
20
dB
Output Return Loss Off Mode
3
dB
IIP3
50
dBm
IP0.1dB
27.5
dBm
IP1dB
28
dBm
14 GHZ TO 20 GHZ FREQUENCY RANGE
VDD1 = +8.5 V, IDQ = 90 mA, VSS2 = −3.3 V, VDD2 = +3.3 V, and TA = 25°C, unless otherwise noted.
Table 5. 14 GHz to 20 GHz Frequency Range Specifications
Parameter
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
14
20
GHz
INTERNAL AMPLIFIER MODE
Small Signal Gain
11
13.5
dB
Gain Flatness
±0.4
dB
Input Return Loss
22
dB
Output Return Loss
15
dB
OP1dB
5.75
10
dBm
OIP3
21
dBm
Noise Figure
5.5
dB
INTERNAL BYPASS SWITCH MODE
Insertion Loss
3.8
dB
Input Return Loss
21
dB
Output Return Loss
22
dB
IP1dB
28
dBm
IP0.1dB
27.5
dBm
IIP3
50
dBm
EXTERNAL BYPASS A AND EXTERNAL BYPASS B
MODES
Insertion Loss
2.3
dB
Input Return Loss On Mode
16
dB
Input Return Loss Off Mode
4
dB
Output Return Loss On Mode
18
dB
Output Return Loss Off Mode
4
dB
IP1dB
28
dBm
Input 0.5 dB Compression (IP0.5dB)
27.5
dBm
IIP3
50
dBm
20 GHZ TO 24 GHZ FREQUENCY RANGE
VDD1 = 8.5 V, IDQ = 90 mA, VSS2 = −3.3 V, VDD2 = +3.3 V, and TA = 25°C, unless otherwise noted.
Table 6. 20 GHz to 24 GHz Frequency Range Specifications
Parameter
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
20
24
GHz
INTERNAL AMPLIFIER MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com