Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8112ACCZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL8112ACCZ-R7
Description  10 MHz to 26.5 GHz Amplifier with Bypass Switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8112ACCZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL8112ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL8112ACCZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
ADL8112
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 9 of 27
Figure 3. Pin Configuration
Table 11. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD1
Drain Bias Voltage. See Figure 5 for the interface schematic.
2
RBIAS
Current Mirror Bias Resistor Pin. Use this pin to set the current to the internal resistor by the external
resistor. See Figure 10 for the interface schematic.
3, 5, 8, 10 to 12, 14, 17, 19 to 22, 24 to
26, 28
GND
RF and DC Ground. See Figure 4 for the interface schematic.
4
RFIN
RF Input. This pin is DC-coupled and matched to 50 Ω. A DC blocking capacitor is required if the RF
line potential is not equal to 0 V DC. See Figure 11 for the interface schematic.
6, 7
VA , VB
Control Input. See Figure 8 and Figure 9 for the interface schematics.
9, 13
OUT_B, IN_B
External Bypass Path B. These pins are DC-coupled and matched to 50 Ω. A DC blocking capacitor is
required if the RF line potential is not equal to 0 V DC. See Figure 11 for the interface schematic.
15
VSS2
Negative Bias Voltage for the Switch.
16
VDD2
Positive Bias Voltage for the Switch.
18
RFOUT
RF Output. This pin is DC-coupled and matched to 50 Ω. A DC blocking capacitor is required if the RF
line potential is not equal to 0 V DC. See Figure 11 for the interface schematic
23, 27
IN_A, OUT_A
External Bypass Path A. These pins are DC-coupled and matched to 50 Ω. A DC blocking capacitor is
required if the RF line potential is not equal to 0 V DC. See Figure 11 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to RF and DC ground.
INTERFACE SCHEMATICS
Figure 4. GND Interface Schematic
Figure 5. VDD1 Interface Schematic
Figure 6. VDD2 Interface Schematic
Figure 7. VSS2 Interface Schematic
Figure 8. VA Interface Schematic
Figure 9. VB Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com