Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1725IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT1725IGN
Description  General Purpose Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1725IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1725IGN Datasheet HTML 6Page - Linear Technology LT1725IGN Datasheet HTML 7Page - Linear Technology LT1725IGN Datasheet HTML 8Page - Linear Technology LT1725IGN Datasheet HTML 9Page - Linear Technology LT1725IGN Datasheet HTML 10Page - Linear Technology LT1725IGN Datasheet HTML 11Page - Linear Technology LT1725IGN Datasheet HTML 12Page - Linear Technology LT1725IGN Datasheet HTML 13Page - Linear Technology LT1725IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LT1725
1725f
OPERATIO
Enable Delay
When the output switch shuts off, the flyback pulse
appears. However, it takes a finite time until the trans-
former primary side voltage waveform approximately rep-
resents the output voltage. This is partly due to rise time
on the MOSFET drain node, but more importantly, due to
transformer leakage inductance. The latter causes a volt-
age spike on the primary side not directly related to output
voltage. (Some time is also required for internal settling of
the feedback amplifier circuitry.)
In order to maintain immunity to these phenomena, a
fixed delay is introduced between the switch turnoff
command and the enabling of the feedback amplifier. This
is termed “enable delay”. In certain cases where the
leakage spike is not sufficiently settled by the end of the
enable delay period, regulation error may result. See
Applications Information for further details.
Collapse Detect
Once the feedback amplifier is enabled, some mechanism
is then required to disable it. This is accomplished by a
collapse detect comparator, which compares the flyback
voltage (FB referred) to a fixed reference, nominally 80%
of VBG. When the flyback waveform drops below this
level, the feedback amplifier is disabled. This action
accommodates both continuous and discontinuous mode
operation.
Minimum Enable Time
The feedback amplifier, once enabled, stays enabled for a
fixed minimum time period termed “minimum enable
time.” This prevents lockup, especially when the output
voltage is abnormally low, e.g., during start-up. The mini-
mum enable time period ensures that the VC node is able
to “pump up” and increase the current mode trip point to
the level where the collapse detect system exhibits proper
operation. The “minimum enable time” often determines
the low load level at which output voltage regulation is lost.
See Applications Information for details.
Effects of Variable Enable Period
It should now be clear that the flyback amplifier is enabled
during only a portion of the cycle time. This can vary from
the fixed “minimum enable time” described to a maximum
of roughly the “off” switch time minus the enable delay
time. Certain parameters of flyback amp behavior will then
be directly affected by the variable enable period. These
include effective transconductance and VC node slew rate.
LOAD COMPENSATION THEORY
The LT1725 uses the flyback pulse to obtain information
about the isolated output voltage. A potential error source
is caused by transformer secondary current flow through
the real life nonzero impedances of the output rectifier,
T1
M1
R3
50k
VIN
R2
LOAD
COMP I
R1
FB
VBG
Q1 Q2
IM
IM
ROCMP
RCMPC
RSENSE
ISENSE
1725 F01
Q3
–
+
A1
Figure 1. Load Compensation Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com