Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1725IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LT1725IGN
Description  General Purpose Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1725IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1725IGN Datasheet HTML 13Page - Linear Technology LT1725IGN Datasheet HTML 14Page - Linear Technology LT1725IGN Datasheet HTML 15Page - Linear Technology LT1725IGN Datasheet HTML 16Page - Linear Technology LT1725IGN Datasheet HTML 17Page - Linear Technology LT1725IGN Datasheet HTML 18Page - Linear Technology LT1725IGN Datasheet HTML 19Page - Linear Technology LT1725IGN Datasheet HTML 20Page - Linear Technology LT1725IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LT1725
1725f
VIN
(6a) “Standard” UVLO
Divider Topology
UVLO
R1
R2
VIN
(6b) Filter Capacitor
Directly On UVLO Node
UVLO
R1
R2
C1
100pF
VIN
(6c) Recommended Topology to
Filter High Frequency Ripple
UVLO
R1/2
R1/2
R2
1725 F06
C2
C1
100pF
APPLICATIO S I FOR ATIO
Figure 6
speed supply ripple, while leaving the UVLO pin node
impedance relatively unchanged at high frequency.
INTERNAL WIDE HYSTERESIS
UNDERVOLTAGE LOCKOUT
The LT1725 is designed to implement isolated DC/DC
converters operating from input voltages of typically 48V
or more. The standard operating topology utilizes a third
transformer winding on the primary side that provides
both feedback information and local power for the LT1725
via its VCC pin. However, this arrangement is not inherently
self-starting. Start-up is effected by the use of an external
“trickle-charge” resistor and the presence of an internal
wide hysteresis undervoltage lockout circuit that monitors
VCC pin voltage (see Figure 7). Operation is as follows:
“Trickle charge” resistor R1 is connected to VIN and
supplies a small current, typically on the order of a single
mA, to charge C1. At first, the LT1725 is off and draws only
its start-up current. After some time, the voltage on C1
(VCC) reaches the VCC turn-on threshold. The LT1725 then
turns on abruptly and draws its normal supply current.
Switching action commences at the GATE pin and the
MOSFET begins to deliver power. The voltage on C1
begins to decline as the LT1725 draws its normal supply
current, which greatly exceeds that delivered by R1. After
some time, typically tens of milliseconds, the output
voltage approaches its desired value. By this time, the
third transformer winding is providing virtually all the
supply current required by the LT1725.
One potential design pitfall is undersizing the value of
capacitor C1. In this case, the normal supply current
+
IVCC
1725 F07
R1
C1
VIN
VIN
IVCC
VVCC
VON THRESHOLD
0
VGATE
VCC
LT1725
GATE
PGND
SGND
Figure 7
drawn by the LT1725 will discharge C1 too rapidly; before
the third winding drive becomes effective, the VCC turn-off
threshold will be reached. The LT1725 turns off, and the
VCC node begins to charge via R1 back up to the turn-on
threshold. Depending upon the particular situation, this
may result in either several on-off cycles before proper
operation is reached, or, permanent relaxation oscillation
at the VCC node.
Component selection is as follows:
Resistor R1 should be selected to yield a worst-case
minimum charging current greater than the maximum
rated LT1725 start-up current, and a worst-case maxi-
mum charging current less than the minimum rated
LT1725 supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com