Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1725IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LT1725IGN
Description  General Purpose Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1725IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1725IGN Datasheet HTML 12Page - Linear Technology LT1725IGN Datasheet HTML 13Page - Linear Technology LT1725IGN Datasheet HTML 14Page - Linear Technology LT1725IGN Datasheet HTML 15Page - Linear Technology LT1725IGN Datasheet HTML 16Page - Linear Technology LT1725IGN Datasheet HTML 17Page - Linear Technology LT1725IGN Datasheet HTML 18Page - Linear Technology LT1725IGN Datasheet HTML 19Page - Linear Technology LT1725IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LT1725
1725f
amplified. If severe enough, this can cause erratic opera-
tion. For example, assume 3nH of parasitic inductance
(equivalent to about 0.1 inch of wire in free space) is in series
with an ideal 0.025
Ωsenseresistor.A“zero”willbeformed
at f = R/(2
πL), or 1.3MHz. Above this frequency the sense
resistor will behave like an inductor.
Several techniques can be used to tame this potential
parasitic inductance problem. First, any resistor used for
current sensing purposes must be of an inherently non-
inductive construction. Mounting this resistor directly
above an unbroken ground plane and minimizing its
ground side connection will serve to absolutely minimize
parasitic inductance. In the case of low valued sense
resistors, these may be implemented as a parallel combi-
nation of several resistors for the thermal considerations
cited above. The parallel combination will help to lower the
parasitic inductance. Finally, it may be necessary to place
a “pole” between the current sense resistor and the
LT1725 ISENSE pin to undo the action of the inductive zero
(see Figure 5). A value of 51
Ωissuggestedfortheresistor,
while the capacitor is selected empirically for the particular
application and layout. Using good high frequency mea-
surement techniques, the ISENSE pin waveform may be
observed directly with an oscilloscope while the capacitor
value is varied.
APPLICATIO S I FOR ATIO
GATE
PARASITIC
INDUCTANCE
CCOMP
RSENSE
LP
1725 F05
51
Ω
PGND
SGND
ISENSE
f =
RSENSE
2
πLP
SENSE RESISTOR ZERO AT:
f =
1
2
π(51Ω)CCOMP
COMPENSATING POLE AT:
CCOMP =
LP
RSENSE(51Ω)
FOR CANCELLATION:
Figure 5
SOFT-START FUNCTION
The LT1725 contains an optional soft-start function that is
enabled by connecting an explicit external capacitor be-
tween the SFST pin and ground. Internal circuitry prevents
the control voltage at the VC pin from exceeding that on the
SFST pin.
The soft-start function is enagaged whenever VCC power
is removed, or as a result of either undervoltage lockout
or thermal (overtemperature) shutdown. The SFST node
is then discharged to roughly a VBE above ground.
(Remember that the VCpin control node switching thresh-
old is deliberately set at a VBE plus several hundred
millivolts.) When this condition is removed, a nominal
40
µA current acts to charge up the SFST node towards
roughly 3V. So, for example, a 0.1
µF soft-start capacitor
will place a 0.4V/ms limit on the ramp rate at the VC node.
UVLO PIN FUNCTION
The UVLO pin effects an undervoltage lockout function
with at threshold of roughly 1.25V. An external resistor
divider between the input supply and ground can then be
used to achieve a user-programmable undervoltage lock-
out (see Figure 6a).
An additional feature of this pin is that there is a change in
the input bias current at this pin as a function of the state
of the internal UVLO comparator. As the pin is brought
above the UVLO threshold, the bias current sourced by the
part increases. This positive feedback effects a hysteresis
band for reliable switching action. Note that the size of the
hysteresis is proportional to the Thevenin impedance of
the external UVLO resistor divider network, which makes
it user programmable. As a rough rule of thumb, each 4k
or so of impedance generates about 1% of hysteresis.
(This is based on roughly 1.25V for the threshold and 3
µA
for the bias current shift.)
Even in good quality ground plane layouts, it is common
for the switching node (MOSFET drain) to couple to the
UVLO pin with a stray capacitance of several
thousandths
of a pF. To ensure proper UVLO action, a 100pF capacitor
is recommended from this pin to ground as shown in
Figure 6b. This will typically reduce the coupled noise to
a few millivolts. The UVLO filter capacitor should not be
made much larger than a few hundred pF, however, as the
hysteresis action will become too slow. In cases where
further filtering is required, e.g., to attenuate high speed
supply ripple, the topology in Figure 6c is recommended.
Resistor R1 has been split into two equal parts. This
provides a node for effecting capacitor filtering of high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com