Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1725IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LT1725IGN
Description  General Purpose Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1725IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1725IGN Datasheet HTML 10Page - Linear Technology LT1725IGN Datasheet HTML 11Page - Linear Technology LT1725IGN Datasheet HTML 12Page - Linear Technology LT1725IGN Datasheet HTML 13Page - Linear Technology LT1725IGN Datasheet HTML 14Page - Linear Technology LT1725IGN Datasheet HTML 15Page - Linear Technology LT1725IGN Datasheet HTML 16Page - Linear Technology LT1725IGN Datasheet HTML 17Page - Linear Technology LT1725IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LT1725
1725f
with the new compensation in place. Modify the original
ROCMP value if necessary to increase or decrease the
effective compensation.
SELECTING OSCILLATOR CAPACITOR VALUE
The switching frequency of the LT1725 is set by an
external capacitor connected between the OSCAP pin and
ground. Recommended values are between 200pF and
33pF, yielding switching frequencies between 50kHz and
250kHz. Figure 2 shows the nominal relationship between
external capacitance and switching frequency. To mini-
mize stray capacitance and potential noise pickup, this
capacitor should be placed as close as possible to the IC
and the OSCAP node length/area minimized.
APPLICATIO S I FOR ATIO
Minimum On Time
This time defines a period whereby the normal switch
current limit is ignored. This feature provides immunity to
the leading edge current spike often seen at the source
node of the external power MOSFET, due to rapid charging
of its gate/source capacitance. This current spike is not
indicative of actual current level in the transformer pri-
mary, and may cause irregular current mode switching
action, especially at light load.
However, the user must remember that the LT1725 does
not “skip cycles” at light loads. Therefore, minimum on
time will set a limit on minimum delivered power and con-
sequently a minimum load requirement to maintain regu-
lation (see Minimum Load Considerations). Similarly,
minimum on time has a direct effect on short-circuit be-
havior (see Maximum Load/Short-Circuit Considerations).
The user is normally tempted to set the minimum on time
to be short to minimize these load related consequences.
(After all, a smaller minimum on time approaches the ideal
case of zero, or no minimum.) However, a longer time may
be required in certain applications based on MOSFET
switching current spike considerations.
Enable Delay Time
This function provides a programmed delay between
turnoff of the gate drive node and the subsequent enabling
of the feedback amplifier. At high loads, a primary side
voltage spike after MOSFET turnoff may be observed due
COSCAP (pF)
30
50
100
200
300
100
200
1725 F02
Figure 2. fOSC vs OSCAP Value
SELECTING TIMING RESISTOR VALUES
There are three internal “one-shot” times that are pro-
grammed by external application resistors: minimum on
time, enable delay time and minimum enable time. These
are all part of the isolated flyback control technique, and
their functions have been previously outlined in the Theory
of Operation section. Figures 3 shows nominal observed
time versus external resistor value for these functions.
The following information should help in selecting and/or
optimizing these timing values.
RT (kΩ)
20
100
500
1000
100
250
1725 F03
Figure 3. “One Shot” Times vs Programming Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com