Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1725IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LT1725IGN
Description  General Purpose Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1725IGN Datasheet(HTML) 5 Page - Linear Technology

  LT1725IGN Datasheet HTML 1Page - Linear Technology LT1725IGN Datasheet HTML 2Page - Linear Technology LT1725IGN Datasheet HTML 3Page - Linear Technology LT1725IGN Datasheet HTML 4Page - Linear Technology LT1725IGN Datasheet HTML 5Page - Linear Technology LT1725IGN Datasheet HTML 6Page - Linear Technology LT1725IGN Datasheet HTML 7Page - Linear Technology LT1725IGN Datasheet HTML 8Page - Linear Technology LT1725IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LT1725
1725f
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
275
250
225
200
175
150
125
25
75
1725 G10
–25
0
50
100
125
RTON = 50k
TEMPERATURE (
°C)
–50
275
250
225
200
175
150
125
25
75
1725 G11
–25
0
50
100
125
RMINENAB = 50k
TEMPERATURE (
°C)
–50
275
250
225
200
175
150
125
25
75
1725 G12
–25
0
50
100
125
FB PIN VOLTAGE (V)
1.05
1.35
1725 G13
1.15
1.25
80
60
40
20
0
–20
–40
–60
–80
1.10
1.20
1.30
1.40
TA = 125°C
TA = –55°C
TA = 25°C
TEMPERATURE (
°C)
–50
1600
1400
1200
1000
800
600
400
200
25
75
1725 G14
–25
0
50
100
125
TEMPERATURE (
°C)
–50
60
50
40
30
20
10
0
25
75
1725 G15
–25
0
50
100
125
V(SFST) = 0V
TEMPERATURE (
°C)
–50
2.5
2.0
1.5
1.0
0.5
0
0
50
75
1725 G16
–25
25
100
125
V(SFST) = 1.5V
Minimum Switch-On Time vs
Temperature
Minimum Enable Time vs
Temperature
Enable Delay Time vs
Temperature
Feedback Amplifier Output Current
vs FB Pin Voltage
Feedback Amplifier
Transconductance vs Temperature
Soft-Start Charging Current vs
Temperature
Soft-Start Sink Current vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com