Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1725IGN Datasheet(PDF) 22 Page - Linear Technology

Part # LT1725IGN
Description  General Purpose Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1725IGN Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1725IGN Datasheet HTML 18Page - Linear Technology LT1725IGN Datasheet HTML 19Page - Linear Technology LT1725IGN Datasheet HTML 20Page - Linear Technology LT1725IGN Datasheet HTML 21Page - Linear Technology LT1725IGN Datasheet HTML 22Page - Linear Technology LT1725IGN Datasheet HTML 23Page - Linear Technology LT1725IGN Datasheet HTML 24Page - Linear Technology LT1725IGN Datasheet HTML 25Page - Linear Technology LT1725IGN Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LT1725
1725f
TYPICAL APPLICATIO S
Figure 9. 48V to Isolated 15V Converter
R2
0.1
Ω
M1
IRF620
T1
VP5-0155
R12
5.1
Ω
VOUT
15V
1725 F09a
R7
51k
R6
51k
C7
47pF
63
14
10
9
8
7
13
12
4
5
15
11
1
2
16
C6
1nF
R8
6.2k
R11
150
Ω
D3
1N5257
D4
1N5257
D2
MBRS1100
R10
18
Ω
VIN
R1
24k
C1
22
µF
R14
820k
R15
33k
R9
51
Ω
R5
51k
R4
3.01k
1%
R3
34.0k
1%
C8
0.1
µF
+
C4
150
µF
D1
MBRD660
D5
BAS16
+
C9
470pF
C3
100pF
C2
1.5
µF
×3
8
5
9
4
1
12
2
11
10
3
6
7
C5
1
µF
R13
750
Ω
1W
C10
100pF
•
••
•
•
•
PGND
ISENSE
GATE
VC
FB
VCC
UVLO
3VOUT
SGND
RCMPC
ROCMP
MENAB
LT1725
ENDLY
SFST
OSCAP
tON
VERSA-PAK is a trademark of Coiltronics, Inc
TELECOM 48V TO ISOLATED 15V APPLICATION
The design in Figure 9 accepts an input voltage in the
range of 36V to 72V and outputs an isolated 15V at up to
2A. Transformer T1 is an off-the-shelf VERSA-PAK
TM
#VP5-0155, produced by Coiltronics. As manufactured, it
consists of six ideally identical independent windings. In
this application, three windings are stacked in series on
the primary side and two are placed in parallel on the
secondary side. This arrangement provides a 3:1 primary-
to-secondary turns ratio while maximizing overall effi-
ciency. The remaining winding provides a primary-side
ground-referred version of the flyback voltage waveform
for both feedback information and providing power to the
LT1725 itself.
Capacitor C7 sets the switching frequency at approxi-
mately 200kHz. Optimal load compensation for the trans-
former and secondary circuit components is set by resistor
R8. Output voltage regulation and overall efficiency are
shown in the accompanying graphs. The resistor divider
formed by R14 and R15 sets the undervoltage lockout
threshold at about 32V, with a hysteresis band of about 2V.
The soft-start and 3VOUT features are unused as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com