Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1725IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LT1725IGN
Description  General Purpose Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1725IGN Datasheet(HTML) 4 Page - Linear Technology

  LT1725IGN Datasheet HTML 1Page - Linear Technology LT1725IGN Datasheet HTML 2Page - Linear Technology LT1725IGN Datasheet HTML 3Page - Linear Technology LT1725IGN Datasheet HTML 4Page - Linear Technology LT1725IGN Datasheet HTML 5Page - Linear Technology LT1725IGN Datasheet HTML 6Page - Linear Technology LT1725IGN Datasheet HTML 7Page - Linear Technology LT1725IGN Datasheet HTML 8Page - Linear Technology LT1725IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LT1725
1725f
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
16.00
15.75
15.50
15.25
15.00
14.75
14.50
14.25
25
75
1725 G01
–25
0
50
100
125
TEMPERATURE (
°C)
–50
6.50
6.25
6.00
5.75
5.50
5.25
5.00
4.75
25
75
1725 G02
–25
0
50
100
125
TEMPERATURE (
°C)
–50
250
200
150
100
50
0
0
50
75
1725 G03
–25
25
100
125
VCC Turn-On Voltage vs
Temperature
VCC Hysteresis Voltage vs
Temperature
Start-Up Current vs Temperature
TEMPERATURE (
°C)
–50
13
12
11
10
9
8
0
50
75
1725 G04
–25
25
100
125
TEMPERATURE (
°C)
–50
1
0
–1
–2
–3
–4
–5
–6
25
75
1725 G05
–25
0
50
100
125
VUVLO = 1.3V
VUVLO = 1.2V
TEMPERATURE (
°C)
–50
115
110
105
100
95
90
85
25
75
1725 G06
–25
0
50
100
125
ISINK (mA)
1
1.0
0.8
0.6
0.4
0.2
0
10
100
1000
1725 G07
TA = 125°C
TA = –55°C
TA = 25°C
ISOURCE (mA)
1
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
10
100
1000
1725 G08
TA = 125°C
TA = –55°C
TA = 25°C
TEMPERATURE (
°C)
–50
3.0
2.5
2.0
1.5
1.0
0.5
0
25
75
1725 G09
–25
0
50
100
125
CLAMP VOLTAGE
SWITCHING THRESHOLD
Supply Current vs Temperature
UVLO Pin Input Current vs
Temperature
Oscillator Frequency vs
Temperature
VGATE vs ISINK
VCC-VGATE vs ISOURCE
VC Clamp Voltage, Switching
Threshold vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com