Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1725IGN Datasheet(PDF) 19 Page - Linear Technology

Part # LT1725IGN
Description  General Purpose Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1725IGN Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1725IGN Datasheet HTML 15Page - Linear Technology LT1725IGN Datasheet HTML 16Page - Linear Technology LT1725IGN Datasheet HTML 17Page - Linear Technology LT1725IGN Datasheet HTML 18Page - Linear Technology LT1725IGN Datasheet HTML 19Page - Linear Technology LT1725IGN Datasheet HTML 20Page - Linear Technology LT1725IGN Datasheet HTML 21Page - Linear Technology LT1725IGN Datasheet HTML 22Page - Linear Technology LT1725IGN Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LT1725
1725f
Output Impedance Error
An additional error source is caused by transformer sec-
ondary current flow through the real life nonzero imped-
ances of the output rectifier, transformer secondary and
output capacitor. Because the secondary current only
flows during the off portion of the duty cycle, the effective
output impedance equals the “DC” lumped secondary
impedance times the inverse of the off duty cycle. If the
output load current remains relatively constant, or, in less
critical applications, the error may be judged acceptable
and the feedback resistor divider ratio adjusted for nomi-
nal expected error. In more demanding applications, out-
put impedance error may be minimized by the use of the
load compensation function (see Load Compensation).
MINIMUM LOAD CONSIDERATIONS
The LT1725 generally provides better low load perfor-
mance than previous generation switcher/controllers uti-
lizing indirect output voltage sensing techniques.
Specifically, it contains circuitry to detect flyback pulse
“collapse,” thereby supporting operation well into discon-
tinuous mode. Nevertheless, there still remain constraints
to ultimate low load operation. These relate to the mini-
mum switch on time and the minimum enable time.
Discontinuous mode operation will be assumed in the
following theoretical derivations.
As outlined in the Operation section, the LT1725 utilizes a
minimum output switch on time, tON. This value can be
combined with expected VIN and switching frequency to
yield an expression for minimum delivered power.
Minimum Power
f
L
Vt
VI
PRI
IN
ON
OUT
OUT
= 

()
=
1
2
2
•
•
This expression then yields a minimum output current
constraint:
I
f
LV
Vt
OUT MIN
PRI
OUT
IN
ON
()
•
•
=

()
1
2
2
where
f = switching frequency
LPRI = transformer primary side inductance
VIN = input voltage
VOUT = output voltage
tON = output switch minimum on time
An additional constraint has to do with the minimum
enable time. The LT1725 derives its output voltage infor-
mation from the flyback pulse. If the internal minimum
enable time pulse extends beyond the flyback pulse, loss
of regulation will occur. The onset of this condition can be
determined by setting the width of the flyback pulse equal
to the sum of the flyback enable delay, tED, plus the
minimum enable time, tEN. Minimum power delivered to
the load is then:
Minimum Power
f
L
Vt
t
VI
SEC
OUT
EN
ED
OUT
OUT
=


+
()
[]
=
1
2
2
•
•
Which yields a minimum output constraint:
I
fV
L
tt
OUT MIN
OUT
SEC
ED
EN
()
•
=


+
()
1
2
2
where
f = switching frequency
LSEC = transformer secondary side inductance
VOUT = output voltage
tED = enable delay time
tEN = minimum enable time
Note that generally, depending on the particulars of input
and output voltages and transformer inductance, one of
the above constraints will prove more restrictive. In other
words, the minimum load current in a particular applica-
tion will be either “output switch minimum on time”
constrained, or “minimum flyback pulse time” constrained.
(A final note—LPRI and LSEC refer to transformer induc-
tance as seen from the primary or secondary side respec-
tively. This general treatment allows these expressions to
be used when the transformer turns ratio is nonunity.)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com