Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-2425-25+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # ISC-2425-25+
Description  ISM Signal Generator & Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ISC-2425-25+ Datasheet(HTML) 1 Page - Mini-Circuits

  ISC-2425-25+ Datasheet HTML 1Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 2Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 3Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 4Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 5Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 6Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 7Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 8Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 1 OF 11
ISC-2425-25+
ISM Signal Generator & Controller
USB & I2C
50Ω -30 dBm to +25 dBm
2400 to 2500 MHz
THE BIG DEAL
y Turnkey ISM-RF & MW Energy combined signal generator
and system controller
y High resolution and control range of key RF signal
parameters such as RF power, frequency and phase
y Output power up to +25dBm
y Supports stand-alone or multichannel operation (in either
coherent or in-coherent modes)
y Works seamlessly with Mini-Circuits connectorized RF & MW
Energy power amplifiers
PRODUCT OVERVIEW
Mini-Circuits’ ISC-2425-25+ is a fully programmable, versatile and flexible small signal RF generator specifically designed to drive
microwave power amplifiers and control RF Energy applications in the 2400 - 2500 MHz band. The generator and controller is
housed in a metal casing (98 x 80 x 40mm) and equipped with an SMA 50Ω connector at the RF output port.
Full software support is provided, including a user-friendly GUI application, a comprehensive application programmer interface
(API) and programming instructions for both Windows and Linux environments. A Labview™ instrument driver is available as well.
Generic photo used for illustration purposes only
APPLICATIONS
y Semiconductor Plasma applications
y Plasma applications
y Dielectric heating
y Solid state cooking, sterilization, disinfection and pasteurization
y Industrial heating and drying
y Medical treatments
y Analytical chemistry
REV. OR
ECO-017232
ISC-2425-25+
MCL NY
230331


Similar Part No. - ISC-2425-25+

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1008 VISHAY-ISC-1008 Datasheet
288Kb / 2P
Surface Mount Wirewound Shielded Inductor
12-May-05
ISC-1008 VISHAY-ISC-1008 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
ISC-1008 VISHAY-ISC-1008 Datasheet
129Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
ISC-1008ER100M VISHAY-ISC-1008ER100M Datasheet
288Kb / 2P
Surface Mount Wirewound Shielded Inductor
12-May-05
ISC-1008 VISHAY-ISC-1008_06 Datasheet
399Kb / 3P
Surface Mount Wirewound Shielded Inductor
10-Aug-06
More results

Similar Description - ISC-2425-25+

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16670MP HITACHI-HA16670MP Datasheet
114Kb / 5P
POSITION SIGNAL GENERATOR
logo
Agilent(Hewlett-Packard...
E8267D HP-E8267D Datasheet
753Kb / 32P
Vector Signal Generator
E4428C HP-E4428C Datasheet
826Kb / 22P
Analog Signal Generator
E8663B HP-E8663B Datasheet
277Kb / 20P
Analog Signal Generator
E4887A HP-E4887A Datasheet
680Kb / 20P
Signal Generator Platform
logo
National Instruments Co...
PXIE-5673 NI-PXIE-5673 Datasheet
1Mb / 9P
Vector Signal Generator
logo
Keysight Technologies
N9310A KEYSIGHT-N9310A Datasheet
550Kb / 8P
RF Signal Generator
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
Synthesized Signal Generator
logo
Festo Corporation.
13364 FESTO-13364 Datasheet
83Kb / 1P
Cylinder signal generator
7/11/2
logo
Mini-Circuits
SSG-30G-RC MINI-SSG-30G-RC Datasheet
1Mb / 13P
Wideband Signal Generator
Rev. OR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com