Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-2425-25+ Datasheet(PDF) 4 Page - Mini-Circuits

Part # ISC-2425-25+
Description  ISM Signal Generator & Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ISC-2425-25+ Datasheet(HTML) 4 Page - Mini-Circuits

  ISC-2425-25+ Datasheet HTML 1Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 2Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 3Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 4Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 5Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 6Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 7Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 8Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 4 OF 11
ISC-2425-25+
ISM Signal Generator & Controller
USB & I2C
50Ω -30 dBm to +25 dBm
2400 to 2500 MHz
CASE STYLE DRAWING
1.56
39.70
.54
13.69
PA INTERFACE
20PIN CONNECTOR
RF OUT
SMA FEMALE
DC IN
PIN 1 [+]
PIN 2 [-]
USB TYPE MINI
BACK VIEW
2.91
74.00
3.15
80.00
.25
6.38
TOP VIEW
3.86
98.00
3.07
78.00
1.34
34.00
1.57
40.00
SIDE VIEW
2.165
55.00
2.677
68.00
.59
15.00
.49
12.50
4X M3x0.5, Max depth 4mm
Mounting Holes
BOTTOM VIEW
ISOMETRIC VIEW
AUX IN
DB-9 MALE
AUX OUT
DB-9 FEMALE
FRONT VIEW
Dimensions are in inches [mm]. Tolerances: 2 Pl. ±0.016 inch [0.4mm]
Weight: 181 grams
PRODUCT
MARKINGS
*Marking may contain other features or characters for internal lot control.
PRODUCT MARKING*: ISC-2425-25+



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com