Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-2425-25+ Datasheet(PDF) 3 Page - Mini-Circuits

Part # ISC-2425-25+
Description  ISM Signal Generator & Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ISC-2425-25+ Datasheet(HTML) 3 Page - Mini-Circuits

  ISC-2425-25+ Datasheet HTML 1Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 2Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 3Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 4Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 5Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 6Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 7Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 8Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 3 OF 11
ISC-2425-25+
ISM Signal Generator & Controller
USB & I2C
50Ω -30 dBm to +25 dBm
2400 to 2500 MHz
ELECTRICAL SPECIFICATIONS (GENERAL RF) AT +25°C AND 5.5V SUPPLY
Parameter
Symbol
Frequency (MHz)
Min.
Max.
Units
RF Output power1
P
OUT
2400-2500
0.001
320
mW
-30
25
dBm
Output power control resolution (linear)
P
OUT CTRL
2400-2500
0.01
0.1
dB
Frequency band
f
2400-2500
2400
2500
MHz
Frequency resolution
f
RES
2400-2500
1
—
kHz
Phase control range
0
2400-2500
0
360
Deg
Phase control resolution
0
RES
2400-2500
1
—
Deg
Supply voltage
V
DC
2400-2500
5.0
5.5
V
Supply current
I
DC
2400-2500
0.5
1.1
A
PWM duty cycle
PWM-DC
2400-2500
1
99
%
PWM frequency (internal)
PWM-Freq
2400-2500
—
1 (fixed)
kHz
1. Output power approx. 20dBm when USB port is used for supply voltage
BLOCK DIAGRAM
Micro
Controller
Mini USB
PSU
DC IN
VGA AMP
SPI
ON/OFF
RFL_AIN
Molex J5
FWD_AIN
TRIGGER _OUT
RST_ALARM
ALARM_IN
ALARM_OUT
ISD_DISABLE
SDA
SCL
RF
OUT
ADC
I2C
90
0
I DAC
LO OUT
X302
LO IN
X303
LF In/Out
X301
Q DAC
SPI
SPI
SPI
PLL
VCO
10 MHz XCO
AUX IN
AUX OUT
LO
SHTD_EXT_IN
LF REF IN
LF REF OUT
SHTD_EXT_OUT
SHTD_EXT_IN
SHTD_EXT_OUT
Signal Generator Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com