Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-2425-25+ Datasheet(PDF) 7 Page - Mini-Circuits

Part # ISC-2425-25+
Description  ISM Signal Generator & Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ISC-2425-25+ Datasheet(HTML) 7 Page - Mini-Circuits

Back Button ISC-2425-25+ Datasheet HTML 3Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 4Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 5Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 6Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 7Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 8Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 9Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 10Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 11Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 7 OF 11
ISC-2425-25+
ISM Signal Generator & Controller
USB & I2C
50Ω -30 dBm to +25 dBm
2400 to 2500 MHz
TYPICAL PERFORMANCE CURVES*
The controller determines the RF output power through a course attenuation setting (in dB) via the instruction $GCS command
in 0.5dB steps between 0 to 30.5 dB and then a fine magnitude setting between 0 and 100 percent with a resolution of better
than 0.01 (the $MCS command). In the following, typical performance curves are given for different frequencies and settings for
attenuation and magnitude. Output power vs. magnitude setting at different attenuation settings and frequencies: (the bands
around the curves denote the typical product spread)
0
20
40
60
80
100
Magnitude
40
30
20
10
0
10
20
POUT at frequency 2400 MHz, phase 0°
Attenuation
0
5
10
15
20
25
0
20
40
60
80
100
Magnitude
40
30
20
10
0
10
20
POUT at frequency 2425 MHz, phase 0°
Attenuation
0
5
10
15
20
25
0
20
40
60
80
100
Magnitude
40
30
20
10
0
10
20
POUT at frequency 2450 MHz, phase 0°
Attenuation
0
5
10
15
20
25
0
20
40
60
80
100
Magnitude
40
30
20
10
0
10
20
POUT at frequency 2475 MHz, phase 0°
Attenuation
0
5
10
15
20
25
0
20
40
60
80
100
Magnitude
40
30
20
10
0
10
20
POUT at frequency 2500 MHz, phase 0°
Attenuation
0
5
10
15
20
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com