Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-2425-25+ Datasheet(PDF) 5 Page - Mini-Circuits

Part # ISC-2425-25+
Description  ISM Signal Generator & Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ISC-2425-25+ Datasheet(HTML) 5 Page - Mini-Circuits

  ISC-2425-25+ Datasheet HTML 1Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 2Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 3Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 4Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 5Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 6Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 7Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 8Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 5 OF 11
ISC-2425-25+
ISM Signal Generator & Controller
USB & I2C
50Ω -30 dBm to +25 dBm
2400 to 2500 MHz
20-PIN MOLEX INTERFACE
1
6
5
9
AUX IN
1
6
5
9
AUX OUT
2
20
19
1
Pin
Number
Label
Functionality and Control
1
TRIG_OUT
Used during pulse mode operation
2
RFL_AIN
Analog input voltage (3.0V max); can be correlated to a reflected power
measurement of a connected amplifier
3
RST_ALARM
Digital output signal; Used to reset an alarm/shutdown condition of a
connected amplifier with logic high level
4
FWD_AIN
Analog input voltage (3.0V max); can be correlated to a forward power
measurement of a connected amplifier
5
PA_ENABLE
Digital output: to enable/disable a connected amplifier (normally low)
6
Do not connect
Reserved pin for manufacturer
7
ALARM_OUT
Digital output signal; can be used to send an alarm status to a connected
device (normally low)
8
Do not connect
Reserved pin for manufacturer
9
ISD_DISABLE
Digital output signal; can be used to e.g. disable protection hardware in
connected hardware (normally low)
10
GND
Ground
11
ALARM_IN
Digital input signal; can be used to receive an alarm status from a con-
nected device (normally low)
12
GND
Ground
13
SCL
I2C control
14
GND
Ground
15
SDA
I2C control
16
GND
Ground
17
Do not connect
Reserved pin for manufacturer
18
Do not connect
Reserved pin for manufacturer
19
Do not connect
Reserved pin for manufacturer
20
Do not connect
Reserved pin for manufacturer
AUX IN (Sub-D-9 male) for system related signals:
1
10 MHz differential clock signal (-) (LF REF IN)
6
10 MHz differential clock signal (+) (LF REF IN)
2
Reserved
7
Reserved
3
GND
8
External shutdown (in) (SHTD_EXT_IN)
4
Reserved
9
Reserved
5
GND
AUX OUT (Sub-D-9 female) for system related signals:
1
10 MHz differential clock signal (-) LF REF OUT)
6
10 MHz differential clock signal (+) LF REF OUT)
2
Reserved
7
Reserved
3
GND
8
External shutdown (out) (SHTD_EXT_OUT)
4
Reserved
9
Reserved
5
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com