Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-2425-25+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # ISC-2425-25+
Description  ISM Signal Generator & Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ISC-2425-25+ Datasheet(HTML) 2 Page - Mini-Circuits

  ISC-2425-25+ Datasheet HTML 1Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 2Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 3Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 4Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 5Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 6Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 7Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 8Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 2 OF 11
ISC-2425-25+
ISM Signal Generator & Controller
USB & I2C
50Ω -30 dBm to +25 dBm
2400 to 2500 MHz
Feature
Advantages
Dynamic range > 50 dB, the output power can
vary from -30 dBm to +25 dBm in 0.01 dB steps
Enables very precise power control into any applicator Course control: 0.5 dB and Fine control: 0.01 dB
Frequency selection: with 1kHz steps in the
2.4 – 2.5 GHz ISM band
This allows the optimum frequency for the application to be set
Phase setting with 1˚ resolution
When multiple signal sources are used in coherent mode power can be delivered very accurately
USB-based, serial communication interface
Enables easy connection and interaction with other system controller hardware or external computers
DC supply through a dedicated two-pin connector
or via a USB connector
An external DC supply enables higher power output (25 dBm) Versus 20 dBm when the supply voltage is
directly from the USB port
Internal low frequency (LF) 10 MHz clock can
be shared via an LVDS signal through the AUX
connectors
Enables coherent operation with other external hardware and other signal generator boards
Pulse modulation and CW operation.
PWM duty cycles in 1% steps, ranging from
1 – 99 %. The default PWM frequency is 1 kHz
These different power output modes of the ISC-2425-25+ allow the user to fine-tune the power to their
application
Fast minimum reflected power lock and tracker
Supports optimized and efficient power delivery into any application or load by monitoring the reflected
power in real-time
Closed loop mode (DLL)
The Digital Locked Loop (DLL) is an algorithm on the ISC board’s microcontroller. It tunes the RF signal
towards the best-matched frequency within a user-defined frequency range. The DLL is suitable for driving
applications with changing impedance conditions
Feed forward (open loop) mode
In this mode, the autogain feature of the controller is switched off, and the user must determine the output
power manually
Chain/coherent mode
Allows an ISC board to be configured as stand-alone or master or slave in a chain of ISC controllers. This is
useful for specific use cases such as phase-coherent heating
Integrated powerful microcontroller
Capable of accommodating the board control firmware and user-defined application-level SW
Application programmer’s interface
The user can create their control program to control the RF generator
Power amplifier status inputs
The user can read the calibrated RF power, current and temperature measurements from Mini-Circuits
connectorized amplifiers such as the ZHL-2425-250X+
Embedded memory
The user can store calibration data, use-case profiles, modulation patterns etc.
Dedicated I2C functions
Enables easy communication with connected power amplifier modules such as the ZHL-2425-250X+
Fast reflected power sweep across the frequency
band (2.4 to 2.5 GHz)
Allows the user to adapt the system in real time to dynamic load conditions
Safe operating area (SOA), (configurable, fast
protection algorithms)
Allows the user to set limits to ensure the power amplifier is protected against thermal and RF overstress
KEY FEATURES
Trademarks: Windows is a registered trademark of Microsoft Corporation in the United States and other countries. Linux is a registered trademark of Linus. Neither Mini-Circuits nor the
Mini-Circuits ISC-series of ISM RF & MW signal generators and controllers are affiliated with or endorsed by the owners of the above referenced trademarks.
Mini-Circuits and the Mini-Circuits logo are registered trademarks of Scientific Components Corporation.
APPLICATION SUPPORT:
y Easy to integrate with Mini-Circuits connectorized RF & MW Energy amplifiers providing automatic output power calibration control and system protection
y Closed loop RF output power control
y Feedforward (open loop) RF power control mode to explore unknown load conditions
y Fast minimum reflected power lock and tracker for optimized and efficient power delivery into any application / load
y Single channel and multi-channel operation
y Coherent and incoherent operation in multi-channel environment



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com