Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-2425-25+ Datasheet(PDF) 8 Page - Mini-Circuits

Part # ISC-2425-25+
Description  ISM Signal Generator & Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ISC-2425-25+ Datasheet(HTML) 8 Page - Mini-Circuits

Back Button ISC-2425-25+ Datasheet HTML 3Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 4Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 5Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 6Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 7Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 8Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 9Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 10Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 11Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 8 OF 11
ISC-2425-25+
ISM Signal Generator & Controller
USB & I2C
50Ω -30 dBm to +25 dBm
2400 to 2500 MHz
Output power vs. frequency setting at different attenuation settings and magnitudes:
(the bands around the curves denote the typical product spread)
2400
2420
2440
2460
2480
2500
Frequency (MHz)
40
35
30
25
20
15
10
5
POUT at magnitude 0, phase 0°
Attenuation
0
5
10
15
20
25
2400
2420
2440
2460
2480
2500
Frequency (MHz)
10
5
0
5
10
15
20
POUT at magnitude 20, phase 0°
Attenuation
0
5
10
15
20
25
2400
2420
2440
2460
2480
2500
Frequency (MHz)
5
0
5
10
15
20
25
POUT at magnitude 40, phase 0°
Attenuation
0
5
10
15
20
25
2400
2420
2440
2460
2480
2500
Frequency (MHz)
15
10
5
0
5
10
15
POUT at magnitude 10, phase 0°
Attenuation
0
5
10
15
20
25
2400
2420
2440
2460
2480
2500
Frequency (MHz)
5
0
5
10
15
20
POUT at magnitude 30, phase 0°
Attenuation
0
5
10
15
20
25
2400
2420
2440
2460
2480
2500
Frequency (MHz)
0
5
10
15
20
25
POUT at magnitude 50, phase 0°
Attenuation
0
5
10
15
20
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com