Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-2425-25+ Datasheet(PDF) 11 Page - Mini-Circuits

Part # ISC-2425-25+
Description  ISM Signal Generator & Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ISC-2425-25+ Datasheet(HTML) 11 Page - Mini-Circuits

Back Button ISC-2425-25+ Datasheet HTML 3Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 4Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 5Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 6Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 7Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 8Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 9Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 10Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 11Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 11 OF 11
ISC-2425-25+
ISM Signal Generator & Controller
RF & MW
NOTES
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights
and benefits contained therein. For a full statement of the standard terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/terms/viewterm.html
50Ω -30 dBm to +25 dBm
2400 to 2500 MHz
ORDERING INFORMATION
Please contact Mini-Circuits’ Applications department for price and availability: ISMRFMWenergy@minicircuits.com
COMPANION PRODUCTS:
y Mini-Circuits connectorized RF & MW Energy power amplifiers
Included Accessories
Part Number
Description
086-8SMMCX+
SMA-Male to MCX-Male HandFlex Cable, DC-6 GHz, 8"
086-12SMMCX+
SMA-Male to MCX-Male HandFlex Cable, DC-6 GHz, 12"
K086-8SMMCX1+
Qty. 4 Interconnect HandFlex Cable Kit, SMA-Male to
MCX Male, DC-6 GHz, 8", Phase Matched
K086-12SMMCX1+
Qty. 4 Interconnect HandFlex Cable Kit, SMA-Male to
MCX Male, DC-6 GHz, 12", Phase Matched
USBA – USB mini 1m
I2C bus cable (Molex to Molex)
DC power supply connector
DETAILED INFORMATION IS AVAILABLE ON OUR WEBSITE
CLICK HERE
Case Style
VM3246
RoHs Status
Compliant
Environmental Ratings
ENV56T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com