Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet(PDF) 2 Page - Acconeer AB

Part # A121-001-R
Description  A121 – Pulsed Coherent Radar (PCR)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Datasheet(HTML) 2 Page - Acconeer AB

  A121-001-R Datasheet HTML 1Page - Acconeer AB A121-001-R Datasheet HTML 2Page - Acconeer AB A121-001-R Datasheet HTML 3Page - Acconeer AB A121-001-R Datasheet HTML 4Page - Acconeer AB A121-001-R Datasheet HTML 5Page - Acconeer AB A121-001-R Datasheet HTML 6Page - Acconeer AB A121-001-R Datasheet HTML 7Page - Acconeer AB A121-001-R Datasheet HTML 8Page - Acconeer AB A121-001-R Datasheet HTML 9Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
A121 Pulsed Coherent Radar (PCR)
Datasheet v1.0
© 2023 Copyright by Acconeer
2023-03-30
Page 2 of 29
Features
• Accurate distance ranging and movements
-
Measures absolute range up to 20 m
o
Absolute accuracy in mm
o
Relative accuracy in µm
-
Possible to recognize movement and
gestures for several objects
-
Support continuous and single sweep
mode
-
HPBW typical of 65 (H-plane) and 53
degrees (E-plane)
• Easy integration
-
60 GHz Pulsed Coherent Radar (PCR)
-
Integrated Baseband, RF front-end, and
Antenna in Package
-
5.5 x 5.2 x 0.88 mm fcCSP, 0.5 mm pitch
-
Can be integrated behind plastic or glass
without any need for a physical aperture
-
Single reflowable component
-
1.8 V single power supply, enable with
Power on Reset (PoR)
-
1.8 V or 3.3 V IO interface power supply
-
Clock input for crystal 24 MHz.
-
SPI interface for data transfer, up to 50
MHz SPI clock support
-
INTERRUPT support
A121 Overview
The A121 is a radar system based on pulsed
coherent radar (PCR) technology and is setting a
new benchmark for power consumption and
distance accuracy – fully integrated in a small
package of 29 mm2.
The A121 60 GHz radar system is optimized for
high precision and ultra-low power, delivered as a
one package solution with integrated Baseband,
RF front-end, and antenna. This will enable easy
integration into any portable battery driven
device.
The A121 is based on leading-edge patented
pulsed coherent radar technology with pico-
second time resolution. The sensor can measure
up to 20 meters and the actual measurable
distance is dependent on object size, shape, and
dielectric properties.
The A121 60 GHz radar remains uncompromised
by any natural source of interference, such as
noise, dust, color and direct or indirect light.
Applications
• High precision distance measurements with
mm accuracy and high update rate
• Proximity detection with high accuracy and
the possibility to define multiple proximity
zones
• Motion detection and velocity measurement
• Material detection and classification
• High precision object tracking, enabling
robot navigation
• Gesture control
• Monitoring of vital life signs such as
breathing and pulse rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com