Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet(PDF) 25 Page - Acconeer AB

Part # A121-001-R
Description  A121 – Pulsed Coherent Radar (PCR)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Datasheet(HTML) 25 Page - Acconeer AB

Back Button A121-001-R Datasheet HTML 21Page - Acconeer AB A121-001-R Datasheet HTML 22Page - Acconeer AB A121-001-R Datasheet HTML 23Page - Acconeer AB A121-001-R Datasheet HTML 24Page - Acconeer AB A121-001-R Datasheet HTML 25Page - Acconeer AB A121-001-R Datasheet HTML 26Page - Acconeer AB A121-001-R Datasheet HTML 27Page - Acconeer AB A121-001-R Datasheet HTML 28Page - Acconeer AB A121-001-R Datasheet HTML 29Page - Acconeer AB  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
A121 Pulsed Coherent Radar (PCR)
Datasheet v1.0
Page 25 of 29
2023-03-30
© 2023 Copyright by Acconeer
9
Mechanical Data
The A121 is available in fcCSP package for mounting on a substrate. The below table shows
mechanical data:
Parameter
Min.
Typ.
Max.
Unit
Body X
5.15
5.20
5.25
mm
Body Y
5.45
5.50
5.55
mm
Body Z (height)
0.821
0.899
mm
Ball pitch
0.45
0.50
0.55
mm
Ball diameter
0.25
0.30
0.35
mm
Ball height
0.15
0.24
mm
Ball count
50
#
Table 15. Mechanical data.
The A121 footprint is shown in Figure 9.1.
Figure 9.1. A121 footprint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com