Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet(PDF) 20 Page - Acconeer AB

Part # A121-001-R
Description  A121Pulsed Coherent Radar (PCR)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Datasheet(HTML) 20 Page - Acconeer AB

Back Button A121-001-R Datasheet HTML 16Page - Acconeer AB A121-001-R Datasheet HTML 17Page - Acconeer AB A121-001-R Datasheet HTML 18Page - Acconeer AB A121-001-R Datasheet HTML 19Page - Acconeer AB A121-001-R Datasheet HTML 20Page - Acconeer AB A121-001-R Datasheet HTML 21Page - Acconeer AB A121-001-R Datasheet HTML 22Page - Acconeer AB A121-001-R Datasheet HTML 23Page - Acconeer AB A121-001-R Datasheet HTML 24Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
A121 Pulsed Coherent Radar (PCR)
Datasheet v1.0
© 2023 Copyright by Acconeer
2023-03-30
Page 20 of 29
6.5 VDIG power Supply
The A121 power domain “VDIG” is sensitive to power supply ripple which may result in performance
degradation. Table 14 provides the power supply ripple specification for VDIG.
Frequency (Hz)
Min.
Typ.
Max.
Unit
10 000
25
mVpp
100 000
25
mVpp
1 000 000
25
mVpp
4
 000 000
25
mVpp
Table 14. Power supply ripple specification for VDIG.
If the VDIG voltage source violates the power supply ripple specification, an LC filter as displayed in
Figure 6.5 can be used. This filter has a cut-off frequency of 30 kHz. The exact values for the LC filter
depend on the frequency and amplitude of the ripple. Be aware of the LC filter peaking at the series
resonance frequency f=1/(2π
√������������). A small snubber resistor, 250 mΩ in the example filter, can be
inserted to lower the Q factor.
Figure 6.5. LC supply filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com