Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet(PDF) 14 Page - Acconeer AB

Part # A121-001-R
Description  A121 – Pulsed Coherent Radar (PCR)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Datasheet(HTML) 14 Page - Acconeer AB

Back Button A121-001-R Datasheet HTML 10Page - Acconeer AB A121-001-R Datasheet HTML 11Page - Acconeer AB A121-001-R Datasheet HTML 12Page - Acconeer AB A121-001-R Datasheet HTML 13Page - Acconeer AB A121-001-R Datasheet HTML 14Page - Acconeer AB A121-001-R Datasheet HTML 15Page - Acconeer AB A121-001-R Datasheet HTML 16Page - Acconeer AB A121-001-R Datasheet HTML 17Page - Acconeer AB A121-001-R Datasheet HTML 18Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
A121 Pulsed Coherent Radar (PCR)
Datasheet v1.0
© 2023 Copyright by Acconeer
2023-03-30
Page 14 of 29
4.9 Absolute RLG
Table 11 summarizes the absolute radar loop gains for different sensor profile configurations,
HWAAS=1, typical ratings at Top = -40ºC to 105ºC. SNR and RLG scales linearly with HWAAS,
meaning a 3dB increase for every doubling of HWAAS.
Profile
T (
°C)
Typ.
Unit
mean
Std.
1
-40
15
0.7
dB
1
25
11
0.8
dB
1
105
4
1.1
dB
2
-40
17
0.7
dB
2
25
13
0.7
dB
2
105
9
0.6
dB
3
-40
22
0.6
dB
3
25
19
0.7
dB
3
105
15
0.6
dB
4
-40
24
0.7
dB
4
25
20
0.7
dB
4
105
17
0.6
dB
5
-40
25
0.9
dB
5
25
22
0.9
dB
5
105
18
0.8
dB
Table 11. Typical RLG values for the sensor profile configurations.
4.10 A121 Temperature Sensor
The A121 includes an internal temperature sensor that can be used for relative temperature
measurements. Such measurements can, for example, be used to predict change of the signal and noise
components. The typical relative deviation from true temperature change is 4.4%. I.e., given a change
in temperature x, the measured temperature typically changes x ± x ∙ 4.4%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com