Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet(PDF) 12 Page - Acconeer AB

Part # A121-001-R
Description  A121 – Pulsed Coherent Radar (PCR)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Datasheet(HTML) 12 Page - Acconeer AB

Back Button A121-001-R Datasheet HTML 8Page - Acconeer AB A121-001-R Datasheet HTML 9Page - Acconeer AB A121-001-R Datasheet HTML 10Page - Acconeer AB A121-001-R Datasheet HTML 11Page - Acconeer AB A121-001-R Datasheet HTML 12Page - Acconeer AB A121-001-R Datasheet HTML 13Page - Acconeer AB A121-001-R Datasheet HTML 14Page - Acconeer AB A121-001-R Datasheet HTML 15Page - Acconeer AB A121-001-R Datasheet HTML 16Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
A121 Pulsed Coherent Radar (PCR)
Datasheet v1.0
© 2023 Copyright by Acconeer
2023-03-30
Page 12 of 29
MEASURE, PROFILE 4
VIO
0
µA
MEASURE, PROFILE 4
VRX
5.85
mA
MEASURE, PROFILE 4
VTX
4.79
mA
MEASURE, PROFILE 5
VDIG
61.7
mA
MEASURE, PROFILE 5
VIO
0.06
µA
MEASURE, PROFILE 5
VRX
6.50
mA
MEASURE, PROFILE 5
VTX
5.65
mA
Table 7. Average current ratings at power terminals for the sensor states.
4.6 RF Specification
The below table shows the A121 RF specification at Top = 25ºC:
Parameter
Min.
Typ.
Max.
Unit
Operating frequency range
57
64
GHz
EIRP
11
dBm
TX HPBW, E-plane (1)
42
53
64
degrees
TX HPBW, H-plane (1)
52
65
78
degrees
Table 8. A121 RF specification.
(1) Based on simulation
4.7 Distance Accuracy
Table 9 summarizes the distance accuracy in terms of typical standard deviation over units for all
profiles at Top = 25ºC. Results based on distance detector output.
Profile
Typ. std
Unit
1
2.67
mm
2
3.45
mm
3
2.83
mm
4
3.38
mm
5
5.05
mm
Table 9. Distance accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com